Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0290 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 9Page - STMicroelectronics UM0290 Datasheet HTML 10Page - STMicroelectronics UM0290 Datasheet HTML 11Page - STMicroelectronics UM0290 Datasheet HTML 12Page - STMicroelectronics UM0290 Datasheet HTML 13Page - STMicroelectronics UM0290 Datasheet HTML 14Page - STMicroelectronics UM0290 Datasheet HTML 15Page - STMicroelectronics UM0290 Datasheet HTML 16Page - STMicroelectronics UM0290 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
UM0290
STR7/STR9 USB firmware library
13/76
chains) before enabling the DMA and, on termination of the DMA transfer (terminal
count interrupt from the DMAC).
IN Endpoint:
void DMALinkedModeTxConfig(u8 bEpNum): Configure a IN endpoint to
trigger DMA Tx linked mode request.
bEpNum = Endpoint number: 0 to 9.
void DMALinkedModeTxEnable(void): Enable a IN endpoint to trigger
DMA Tx linked
mode.
void DMALinkedModeTxDisable(void): Disable the trigger Tx DMA
Linked request for the IN Endpoint.
void SetDMALLITxLength(u8 length): set the DMA linked list length
for IN Endpoint.
length = length of the linked list. This value can be up to 255.
OUT Endpoint:
void DMALinkedModeRxConfig(u8 bEpNum): Configure a OUT endpoint to
trigger DMA Rx linked mode request.
bEpNum = Endpoint number: 0 to 9.
void DMALinkedModeRxEnable(void):Enable a OUT endpoint to trigger
DMA Rx linked
mode.
void DMALinkedModeRxDisable(void):Disable the trigger Rx DMA Linked
request for the OUT Endpoint.
void SetDMALLIRxLength(u8 length):set the DMA linked list length
for OUT Endpoint.
length = length of the linked list. This value can be up to 255.
void SetDMALLIRxPacketNum(u8 PacketNum): Set the number of packets
to be received for each single descriptor of the Linked List.
PacketNum = number of packet. It can be up to 127 packets.
u8 GetDMALLIRxPacketNum(void): Get the number of packets to be
received for each single descriptor of the Linked List.
c)
DMA common functions:
To configure the DMA in both unlinked and linked modes the USB library provides
some common functions used to synchronize the USB and the DMAC IPs and to
configure the burst size for IN or OUT endpoints.
void SetDMABurstTxSize(u8 DestBsize): Set the burst size for IN
endpoint (destination burst size)
DestBsize = Destination burst size.
void SetDMABurstRxSize(u8 SrcBsize):Set the burst size for OUT
endpoint (source burst size)
SrcBsize = Source burst size.
void DMASynchEnable(void): Enable the Synchronisation between the
DMAC and the USB IP.
void DMASynchDisable(void): Disable the Synchronisation between the
DMAC and the USB IP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com