Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0290 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 35Page - STMicroelectronics UM0290 Datasheet HTML 36Page - STMicroelectronics UM0290 Datasheet HTML 37Page - STMicroelectronics UM0290 Datasheet HTML 38Page - STMicroelectronics UM0290 Datasheet HTML 39Page - STMicroelectronics UM0290 Datasheet HTML 40Page - STMicroelectronics UM0290 Datasheet HTML 41Page - STMicroelectronics UM0290 Datasheet HTML 42Page - STMicroelectronics UM0290 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
UM0290
Mass storage demo
39/76
Figure 8.
Mass storage file architecture
This implementation uses the internal RAM like memory support. In fact the internal RAM is
divided into the following three different areas (see Figure 9):
General purpose memory area: this part of memory is used by the firmware to store
internal variables.
Medium memory area: this part of memory is dedicated to the user data. It is used to
store/read/write data from Windows.
Free area: this part of memory is not used.
Figure 9.
Internal RAM areas
Standard Lib
Commun
Files
Mass Storage Files
Standard Lib
USB Lib
Tools Files
Common
files
Simple Buffer
Transfer Mode
Double Buffer
Transfer Mode
Simple buffer transfer mode implementation
Double buffer transfer mode implementation
USB Mass Storage Application File
RAM
General purpose memory area
Medium memory area
Free memory area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com