Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0290 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 27Page - STMicroelectronics UM0290 Datasheet HTML 28Page - STMicroelectronics UM0290 Datasheet HTML 29Page - STMicroelectronics UM0290 Datasheet HTML 30Page - STMicroelectronics UM0290 Datasheet HTML 31Page - STMicroelectronics UM0290 Datasheet HTML 32Page - STMicroelectronics UM0290 Datasheet HTML 33Page - STMicroelectronics UM0290 Datasheet HTML 34Page - STMicroelectronics UM0290 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
UM0290
Device firmware upgrade
31/76
Another example, for STR91x Flash microcontroller, is shown below:
"@Internal Flash 0 /0x00000000/8*064Kg" in case of the STR9 512KB
"@Internal Flash 0 /0x00000000/32*064Kg" in case of the STR9 2MB
Each Alternate setting string descriptor must follow this memory mapping else the PC Host
Software would be able to decode the right mapping for the selected device:
–
@: To detect that this is a special mapping descriptor (to avoid decoding standard
descriptor)
–
/: for separator between zones
–
Maximum 8 digits per address starting by “0x”
–
/: for separator between zones
–
Maximum of 2 digits for the number of sectors
–
*
: For separator between number of sectors and sector size
–
Maximum 3 digits for sector size between 0 and 999
–
1 digit for the sector size multiplier. Valid entries are: B (byte), K (Kilo), M (Mega)
–
1 digit for the sector type as follows:
a (0x41): Readable
b (0x42): Erasable
c (0x43): Readable and Erasable
d (0x44): Writeable
e (0x45): Readable and Writeable
f (0x46): Erasable and Writeable
g (0x47): Readable, Erasable and Writeable
Note:
If the target memory is not contiguous, the user can add the new sectors to be decoded just
after a slash"/" as shown in the following example:
"@Flash /0xF000/1*4Ka/0xE000/1*4Kg/0x8000/2*24Kg"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com