Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0290 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 28Page - STMicroelectronics UM0290 Datasheet HTML 29Page - STMicroelectronics UM0290 Datasheet HTML 30Page - STMicroelectronics UM0290 Datasheet HTML 31Page - STMicroelectronics UM0290 Datasheet HTML 32Page - STMicroelectronics UM0290 Datasheet HTML 33Page - STMicroelectronics UM0290 Datasheet HTML 34Page - STMicroelectronics UM0290 Datasheet HTML 35Page - STMicroelectronics UM0290 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
Device firmware upgrade
UM0290
32/76
●
DFU Functional descriptor
This descriptor is identical for both the run-time and the DFU mode descriptor sets.
Table 8.
DFU functional descriptor
Offset
Field
Size
Value
Description
0
bLength
1
09h
Size of this descriptor, in bytes.
1
bDescriptorType
1
21h
DFU FUNCTIONAL descriptor type.
2
bmAttributes
1
00h
DFU attributes:
– Bit7: if bit1 is set, the device will have an
accelerated upload speed of 4096 byes per upload
command (bitCanAccelerate)
0: No
1: Yes
– Bits 6:4: reserved
– Bit 3: device will perform a bus detach-attach
sequence when it receives a DFU_DETACH
request.
0: No
1: Yes
Note: The host must not issue a USB Reset.
(bitWillDetach)
– Bit 2: device is able to communicate via USB after
Manifestation phase (bitManifestation tolerant)
0: No, must see bus reset
1: Yes
– Bit 1: upload capable (bitCanUpload)
0: No
1: Yes
– Bit 0: download capable (bitCanDnload)
0: No
1: Yes
3
wDetachTimeOut
2
Number
Time, in milliseconds, that the device waits after
receipt of the DFU_DETACH request. If this time
elapses without a USB reset, then the device
terminates the reconfiguration phase and reverts to
normal operation. This represents the maximum time
that the device can wait (depending on its timers,
etc.). The host may specify a shorter timeout in the
DFU_DETACH request.
5
wTransferSize
2
Number
Maximum number of bytes that the device can accept
per control-write transaction: wTransferSize depends
on the firmware implementation on each MCU.
7
bcdDFUVersion
2
011Ah
Version of the STMicroelectronics DFU Extension
specification release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com