Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0290 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 24Page - STMicroelectronics UM0290 Datasheet HTML 25Page - STMicroelectronics UM0290 Datasheet HTML 26Page - STMicroelectronics UM0290 Datasheet HTML 27Page - STMicroelectronics UM0290 Datasheet HTML 28Page - STMicroelectronics UM0290 Datasheet HTML 29Page - STMicroelectronics UM0290 Datasheet HTML 30Page - STMicroelectronics UM0290 Datasheet HTML 31Page - STMicroelectronics UM0290 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
Device firmware upgrade
UM0290
28/76
4.3
DFU mode selection
The host should be able to enumerate a device with DFU capability in two ways:
●
as a single device with only DFU capability
●
as a composite device: HID, Mass storage, or any functional class, and with DFU
capability.
During the enumeration phase, the device exposes two distinct and independent descriptor
sets, each one at the appropriate time:
●
Run-time descriptor set: shown when the device performs normal operations
●
DFU mode descriptor set: shown when host and device agree to perform DFU
operations
4.3.1
Run-time descriptor set
During normal run-time operation, the device exposes its normal set of descriptors plus two
additional descriptors:
●
Run-Time DFU Interface descriptor
●
Run-Time DFU Functional descriptor
Note:
The number of interfaces in each configuration descriptor that supports the DFU must be
incremented by one to accommodate the addition of the DFU interface descriptor.
4.3.2
DFU mode descriptor set
After the host and the device agree to perform DFU operations, the host re-enumerates the
device. At this time the device exports the descriptor set shown below:
●
DFU Mode Device descriptor
●
DFU Mode Configuration descriptor
●
DFU Mode Interface descriptor
●
DFU Mode Functional descriptor: identical to the Run-Time DFU Functional descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com