Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0290 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 25Page - STMicroelectronics UM0290 Datasheet HTML 26Page - STMicroelectronics UM0290 Datasheet HTML 27Page - STMicroelectronics UM0290 Datasheet HTML 28Page - STMicroelectronics UM0290 Datasheet HTML 29Page - STMicroelectronics UM0290 Datasheet HTML 30Page - STMicroelectronics UM0290 Datasheet HTML 31Page - STMicroelectronics UM0290 Datasheet HTML 32Page - STMicroelectronics UM0290 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
UM0290
Device firmware upgrade
29/76
DFU mode device descriptor
This descriptor is only present in the DFU mode descriptor set.
Table 6.
DFU mode device descriptor
Offset
Field
Size
Value
Description
0
bLength
1
12h
Size of this descriptor, in bytes.
1
bDescriptorType
1
01h
DEVICE descriptor type.
2
bcdUSB
2
0100h
USB specification release number in binary
coded decimal.
4
bDeviceClass
1
00h
See interface.
5
bDeviceSubClass
1
00h
See interface.
6
bDeviceProtocol
1
00h
See interface.
7
bMaxPacketSize0
1
8,16,32,
64
Maximum packet size for endpoint zero.
64 bytes for the STR7 and STR9 devices
8
idVendor
1
0483h
Vendor ID
10
idProduct
DF11h
Product ID
12
bcdDevice
011Ah
Version of the STMicroelectronics DFU
ExtensionSpecification release
14
iManufacturer
Index
Index of string descriptor.
15
iProduct
Index
Index of string descriptor.
16
iSerialNumber
Index
Index of string descriptor.
17
bNumbConfigurations
01h
One configuration only for DFU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com