Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0290 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 37Page - STMicroelectronics UM0290 Datasheet HTML 38Page - STMicroelectronics UM0290 Datasheet HTML 39Page - STMicroelectronics UM0290 Datasheet HTML 40Page - STMicroelectronics UM0290 Datasheet HTML 41Page - STMicroelectronics UM0290 Datasheet HTML 42Page - STMicroelectronics UM0290 Datasheet HTML 43Page - STMicroelectronics UM0290 Datasheet HTML 44Page - STMicroelectronics UM0290 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
UM0290
Mass storage demo
41/76
●
dCSWSignature: 53425355 USBS (little Endian).
●
dCSWTag: the device must set this field with the received value of dCBWTag in the
related CBW.
●
dCSWDataResidue: the difference between the expected data (the value of
dCBWDataTransferLength field of the related CBW) and the real value of data received
or sent by the device.
●
bCSWStatus: the status of the related command. This field can take any of the three
values shown below in Table 13:
Data transfer
The data transfer phase is specified by the dCBWDataTransferLength and bmCBWFlags of
the correspondent CBW. The host must attempt to transfer the exact number of bytes to or
from the device.
The diagram of the Figure 10 shows the state machine of a BOT transfer.
Note:
For more information about the BOT protocol please refer to the specification “Universal
Serial Bus Mass Storage class Bulk-only transport”.
Table 12.
CSW packet fields
76
543
210
0-3
dCSWSignature
4-7
dCSWTag
8-11
dCSWDataResidue
12
bCSWStatus
Table 13.
Command block status values
Value
Description
00h
Command Passed
01h
Command Failed
02h
Phase Error
03h=>FFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com