Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0290 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 33Page - STMicroelectronics UM0290 Datasheet HTML 34Page - STMicroelectronics UM0290 Datasheet HTML 35Page - STMicroelectronics UM0290 Datasheet HTML 36Page - STMicroelectronics UM0290 Datasheet HTML 37Page - STMicroelectronics UM0290 Datasheet HTML 38Page - STMicroelectronics UM0290 Datasheet HTML 39Page - STMicroelectronics UM0290 Datasheet HTML 40Page - STMicroelectronics UM0290 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
UM0290
Device firmware upgrade
37/76
4.6
DFU implementation
4.6.1
DFU mode entry mechanism
For the STR7/9 devices the DFU mode is entered after an MCU reset if:
●
The DFU mode is forced by the user: the user presses the key push-button after a
reset.
4.6.2
Available DFU images in the STR7/9 USB development kit
The available DFU images in the STR7/9 USB development kit are:
●
Joystick Mouse Demo
●
Custom HID Demo
●
Mass Storage Demo (only for STR71x and STR91x)
●
Virtual COM Demo
●
Audio Speaker Demo
●
Audio Microphone demo (only for STR75x and STR91x)
4.6.3
How to create a DFU Image
DFU Image for STR7xx devices
To create a DFU image for STR7xx devices three steps are needed:
1.
Create a binary image from one of the available applications by adjusting the ROM
base to the application address and remap the RAM to the address 0x0.
2.
Remap the interrupt vectors to the first address of the RAM
3.
Using the DFU file manager given with the DFU demo package, generate the DFU file
by setting target ID to 0 (internal Flash) and the starting the application address.
DFU Image for STR91x devices
To create a DFU image for STR91x devices two steps are needed:
1.
Create a binary image from one of the available applications (c)
2.
Using the DFU file manager given with the DFU demo package, generate the DFU file
by setting target ID to 0 (internal Flash) and the starting address to 0x0.
The STR7/9 USB Developer kit includes already a fully configured project examples to
demonstrate how to create a DFU image for each supported device with all the available tool
chains.
c.
Remove all FMI initialization from the init file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com