Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0804 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0804
Description  EVALSPEAr300 - evaluation board for the SPEAr300
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0804 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0804 Datasheet HTML 2Page - STMicroelectronics UM0804 Datasheet HTML 3Page - STMicroelectronics UM0804 Datasheet HTML 4Page - STMicroelectronics UM0804 Datasheet HTML 5Page - STMicroelectronics UM0804 Datasheet HTML 6Page - STMicroelectronics UM0804 Datasheet HTML 7Page - STMicroelectronics UM0804 Datasheet HTML 8Page - STMicroelectronics UM0804 Datasheet HTML 9Page - STMicroelectronics UM0804 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Contents of the kit
UM0804
6/25
Doc ID 16303 Rev 2
2
Contents of the kit
The EVALSPEAr300 evaluation board kit contains:
SPEAr300 evaluation board
AC/adapter (output voltage 5 V)
2 Plug Adapter (USA/Europe)
User manual documentation
3
Connectors locations
Figure 2.
Connectors locations
Manual Reset
J3 A2D
J6 FIrDA
J11 Power Jack
+5V
J1 USB2 Device
J2 USB2
Host1, Host2
J9 Ethernet
J5 SDIO
J7 GPI/O
J8 LCD
SPEAr300
SW3 Boot
Selection
J14 ETM9
Trace-B
J13 ETM9
Trace-A
J4 JTAG
JP5 COM1
Settings
J10 COM1
SW2 Functional
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com