Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0804 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0804
Description  EVALSPEAr300 - evaluation board for the SPEAr300
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0804 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0804 Datasheet HTML 7Page - STMicroelectronics UM0804 Datasheet HTML 8Page - STMicroelectronics UM0804 Datasheet HTML 9Page - STMicroelectronics UM0804 Datasheet HTML 10Page - STMicroelectronics UM0804 Datasheet HTML 11Page - STMicroelectronics UM0804 Datasheet HTML 12Page - STMicroelectronics UM0804 Datasheet HTML 13Page - STMicroelectronics UM0804 Datasheet HTML 14Page - STMicroelectronics UM0804 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
UM0804
Block descriptions
Doc ID 16303 Rev 2
11/25
Please refer to the documentation of the trace box manufacturer for more information on the
ETM interface (www.lauterbach.com, www.agilent.com, www.yokogawa.com).
6.6
Serial interface
One serial interface port is available. This typically used as OS monitor, is available on the
J10 connector. It is possible to simulate a cross cable by changing the position of the J5
jumpers.
Figure 4.
Serial cable setting
6.7
A/D interface
Eight analog input lines are provided on the J3 connector. The connector also allows you to
determine the conversion range by setting the conversion limits on pins J3-19 (lower limit)
and J3-1 (upper limit). The default setting is to have pins 1-2 and 19-20 shorted by jumpers.
In this way the conversion range is set to the maximum value (0 ~ 2.5V with a granularity of
2.44 mV) but by removing the two jumpers and providing different values on pin 1 and 19 it
is possible to reduce the range and thus increase the granularity. For example if you input 1
V on J3-19 and 2 V on J3-1 the range will be 1 V ~ 2 V in steps of less than 1 mV.
In any case the following relationships between the pins should be ensured:
6.8
Real time clock (battery powered)
The real time clock (RTC) is powered with an external battery (3 V) in order to avoid losing
its data even if the main power supply is switched off.
Table 1.
Switch 2 bits [2:1]
Sw2
Description
21
0
0
No debug features available
0
1
The ARM JTAG is connected to J4
1
0
The ARM ETM bus available on J13 and J14
Null
modem
Cable
JP5
24
13
Cross
Cable
JP5
24
13
0 V
J3-19
J3 17 ~ 3
J3-1
2.5 V
AGND
Vref_n
ADC_In
channels
Vref_p
AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com