Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0804 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0804
Description  EVALSPEAr300 - evaluation board for the SPEAr300
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0804 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0804 Datasheet HTML 14Page - STMicroelectronics UM0804 Datasheet HTML 15Page - STMicroelectronics UM0804 Datasheet HTML 16Page - STMicroelectronics UM0804 Datasheet HTML 17Page - STMicroelectronics UM0804 Datasheet HTML 18Page - STMicroelectronics UM0804 Datasheet HTML 19Page - STMicroelectronics UM0804 Datasheet HTML 20Page - STMicroelectronics UM0804 Datasheet HTML 21Page - STMicroelectronics UM0804 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Evaluation board bill of materials (BOM)
UM0804
18/25
Doc ID 16303 Rev 2
53
5
R87, R88, R89,
R90, R91
150
TYCO Electronics UK
CRG0603F150R
54
7
R92, R93, R94,
R95, R96, R97,
R98
68K
TYCO Electronics UK
CRG0603F68K
55
1
R99
27K
TYCO Electronics UK
CRG0603F27K
56
3
R81, R100, R101
150K
TYCO Electronics UK
CRG0603F150K
57
1
R102
47K
TYCO Electronics UK
CRG0603F47K
58
2
R103, R104
4,3
PHYCOMP
p/n 232270464308
59
1
R105
15K
TYCO Electronics UK
CRG0603F15K
60
1
R106
75K
PHYCOMP
p/n 232270467503
61
1
R109
270
TYCO Electronics UK
CRG0603F270R
62
1
SW1
OMRON Electronics
B3S-1000
63
1
SW2
APEM Components
DS06
64
1
SW3
APEM Components
DS04
Table 9.
Resistors and switches (continued)
#
Qty
Ref. description
Value
Manufacturer
Manufacturer P/N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com