Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0804 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0804
Description  EVALSPEAr300 - evaluation board for the SPEAr300
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0804 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0804 Datasheet HTML 13Page - STMicroelectronics UM0804 Datasheet HTML 14Page - STMicroelectronics UM0804 Datasheet HTML 15Page - STMicroelectronics UM0804 Datasheet HTML 16Page - STMicroelectronics UM0804 Datasheet HTML 17Page - STMicroelectronics UM0804 Datasheet HTML 18Page - STMicroelectronics UM0804 Datasheet HTML 19Page - STMicroelectronics UM0804 Datasheet HTML 20Page - STMicroelectronics UM0804 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
UM0804
Evaluation board bill of materials (BOM)
Doc ID 16303 Rev 2
17/25
72
1
U8
M25P40
STM
M25P40-VMN6P
73
1
U9
STE100P
STM
STE100P
74
1
U10
ST3232-SO16
STM
ST3232CDR
75
1
U11
PM6641
STM
PM6641
76
1
U12
LD1117S25TR
STM
LD1117S25TR
77
1
Y1
24MHZ
RAKON
XTAL003325
78
1
Y2
32.768KHZ
FOX Electronics
NC26LF-327
79
1
Y3
25MHZ
FOX Electronics
FOXS/250F-20
80
6
Insulated
jumper
WINSLOW Adaptics
W8010T50
Table 9.
Resistors and switches
#
Qty
Ref. description
Value
Manufacturer
Manufacturer P/N
41
2
R1, R2
121K
PHYCOMP
P/N 232273461214
42
2
R3, R4
470
TYCO Electronics UK
CRG0603F470R
43
2
R9, R17
0
TYCO Electronics UK
CRG0603ZR
44
11
R18, R19, R20,
R21, R22, R23,
R24, R25, R26,
R27, R28
100
TYCO Electronics UK
CRG0603F100R
45
1
R29
43,2
TYCO Electronics UK
RN73C2A43R2BTG
46
14
R36, R37, R38,
R39, R40, R41,
R42, R43, R44,
R46, R47, R48,
R49, R107
1K
TYCO Electronics UK
CRG0603F1K0
47
17
R50, R51, R52,
R53, R54, R55,
R56, R57, R58,
R59, R60, R61,
R62, R63, R64,
R65, R66
10K
TYCO Electronics UK
CRG0603F10K
48
10
R67, R68, R69,
R70, R71, R72,
R73, R74, R75,
R76
4.7K
TYCO Electronics UK
CRG0603F4K7
49
1
R77
390K
TYCO Electronics UK
CRG0603F390K
50
3
R78, R79, R80
10
TYCO Electronics UK
CRG0603F10R
51
4
R82, R83, R84,
R85
2.2K
TYCO Electronics UK
CRG0603F2K2
52
1
R86
1M
TYCO Electronics UK
CRG0603F1M0
Table 8.
Semiconductors and crystals (continued)
#
Qty
Ref. description
Value
Manufacturer
Manufacturer P/N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com