Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0804 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0804
Description  EVALSPEAr300 - evaluation board for the SPEAr300
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0804 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0804 Datasheet HTML 12Page - STMicroelectronics UM0804 Datasheet HTML 13Page - STMicroelectronics UM0804 Datasheet HTML 14Page - STMicroelectronics UM0804 Datasheet HTML 15Page - STMicroelectronics UM0804 Datasheet HTML 16Page - STMicroelectronics UM0804 Datasheet HTML 17Page - STMicroelectronics UM0804 Datasheet HTML 18Page - STMicroelectronics UM0804 Datasheet HTML 19Page - STMicroelectronics UM0804 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Evaluation board bill of materials (BOM)
UM0804
16/25
Doc ID 16303 Rev 2
Table 7.
Connectors, inductors and transistors
#
Qty
Ref. description
Value
Manufacturer
Manufacturer P/N
20
1
J1
USB_Device
SAMTEC
USB-B-S-F-B-TH
21
1
J2
USB_Host
TYCO Electronics AMP
5787617-1
22
1
J3
A2D Conn.
TYCO Electronics AMP
5-826925-0
23
1
J4
JTAG_Conn.
20
TYCO Electronics AMP
2-1634688-0
24
1
J5
SDIO_CON
MOLEX
67993-8001
25
1
J6
TYCO Electronics AMP
5-826629-0
26
1
J7
GPIO conn.
TYCO Electronics AMP
5-826629-0
27
1
J8
LCD Conn.
SAMTEC
SFM-125-02-S-D
28
1
J9
ETH Conn.
Pulse
J00-0065NL
29
1
J10
Serial Conn.
TYCO Electronics AMP
5747840-2
30
1
J11
JACK 2.1MM
CLIFF Electronics
FC681491
31
1
J12
MICTOR_114
TYCO Electronics AMP
2-5767004-4
32
2
J13, J14
ETM Conn.
TYCO Electronics AMP
5767061-1
33
4
JP1, JP2, JP3, JP4 Jumper
TYCO Electronics AMP
5-826629-0
34
1
JP5
Jumper
TYCO Electronics AMP
5-826925-0
35
1
L1
WE74792023
WURTH Elektronik
742792023
36
9
L2, L3, L4, L5, L6,
L7, L8, L9, L10
IND
Murata
BLM21BD601SN1D
37
1
L11
LPS4012-
102NL
Coilcraft
LPS4012-102NL
38
2
L12, L13
LPS4012-
222ML
Coilcraft
LPS4012-222ML
39
1
Q1
BC848CE6327 Infineon
BC848CE6327
40
1
Q2
BSH205
NXP
BSH205
Table 8.
Semiconductors and crystals
#
Qty
Ref. description
Value
Manufacturer
Manufacturer P/N
65
1
U2
MT47H64M16
HR
MICRON
MT47H64M16HR-3E
66
1
U1
SPEAr300
STM
SPEAR300-2 V590BA
67
1
U3
ST2052
STM
ST2052
68
1
U4
STM811
STM
STM811SW16F
69
1
U5
M25P64
STM
M25P64-VMF6P
70
1
U6
NAND512X8
STM
Nand512W3A2CZA6
71
1
U7
M24C04
STM
M24C04-WMN6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com