Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0804 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0804
Description  EVALSPEAr300 - evaluation board for the SPEAr300
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0804 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0804 Datasheet HTML 4Page - STMicroelectronics UM0804 Datasheet HTML 5Page - STMicroelectronics UM0804 Datasheet HTML 6Page - STMicroelectronics UM0804 Datasheet HTML 7Page - STMicroelectronics UM0804 Datasheet HTML 8Page - STMicroelectronics UM0804 Datasheet HTML 9Page - STMicroelectronics UM0804 Datasheet HTML 10Page - STMicroelectronics UM0804 Datasheet HTML 11Page - STMicroelectronics UM0804 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Start up
UM0804
8/25
Doc ID 16303 Rev 2
5
Start up
5.1
Unpacking
ELECTROSTATIC WARNING:
The EVALSPEAr300 Evaluation board is shipped in protective anti-static packaging.
The board must not be subjected to high electrostatic potentials. General practices
for working with static sensitive devices should be applied when working with this
board.
Wear an anti-static wristband - Wearing a simple anti-static wristband can help to
prevent ESD from damaging the Spear300 evaluation board.
Self-grounding - Touch a grounded conducting material before handling and
periodically while handling the Spear300 evaluation board.
Use an anti-static pad - When configuring the Spear300 evaluation board, place it on
an antic-static pad to reduce the possibility of ESD damage.
Only handle the board edges - When handling the Spear300 evaluation board.
5.2
Connection
Connect a serial cable (RS232 on J4) to a host PC (see Figure 4).
On a host PC running Windows or Linux, start the Terminal program.
Connect the AC Adapter to a power outlet.
Power ON the board (plug the jack of the AC/Adapter on J11). A sequence of boot
messages is displayed, followed by the Linux console prompt.
For more information, refer to the SPEAr300 evaluation board software getting started user
manual available on www.st.com/spear.
5.3
Booting procedure
The SPEAr300 Board is able to boot a Linux kernel pre-installed in the serial NOR Flash.
At power on, the serial port outputs a brief header message with some uBoot information
(uBoot version, SDK version, and some internal hardware information). At this point you can
choose to:
1.
Stop the system directly in uBoot: For this you have to press the spacebar on the
host computer keyboard before the boot delay time expires (default is 3 seconds).
2.
Boot Linux: The system logs you in automatically as super user and the Linux shell
prompt is displayed on the screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com