Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0804 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0804
Description  EVALSPEAr300 - evaluation board for the SPEAr300
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0804 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0804 Datasheet HTML 10Page - STMicroelectronics UM0804 Datasheet HTML 11Page - STMicroelectronics UM0804 Datasheet HTML 12Page - STMicroelectronics UM0804 Datasheet HTML 13Page - STMicroelectronics UM0804 Datasheet HTML 14Page - STMicroelectronics UM0804 Datasheet HTML 15Page - STMicroelectronics UM0804 Datasheet HTML 16Page - STMicroelectronics UM0804 Datasheet HTML 17Page - STMicroelectronics UM0804 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Expansion connector
UM0804
14/25
Doc ID 16303 Rev 2
7.2
Switch 3
Note:
When DIP switch SW3-X is in the ON position, the bit value is 0. When the DIP switch is in
the OFF position, the bit value is 1
8
Expansion connector
An expansion connector (J12 on bottom side) is provided for a companion board. The
manufacturer is Tyco Electronics and the Part Number is 2-5767004-4
The following signals are available on this connector:
+5 V
GND
All the PL_GPIO signals
The four PL_CLK signals
Host0_DP and DM
8.1
Board schematic
The board schematic is available on www.st.com/spear.
Table 5.
Switch 3 (strapping options)
Boot from
SW3-1
SW3-2
SW3-3
SW3-4
USB_BOOT
0000
ETH (parameter from SPI ROM)
0001
ETH (parameter from I2C ROM)
0010
Serial NOR (default setting)
0011
Parallel NOR 8
0100
Parallel NAND 8
0101
Parallel NOR 16
0110
Parallel NAND 16
0111
SPI_BOOT
1000
UART_BOOT
1001
I2C_BOOT
1010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com