Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0804 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0804
Description  EVALSPEAr300 - evaluation board for the SPEAr300
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0804 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0804 Datasheet HTML 8Page - STMicroelectronics UM0804 Datasheet HTML 9Page - STMicroelectronics UM0804 Datasheet HTML 10Page - STMicroelectronics UM0804 Datasheet HTML 11Page - STMicroelectronics UM0804 Datasheet HTML 12Page - STMicroelectronics UM0804 Datasheet HTML 13Page - STMicroelectronics UM0804 Datasheet HTML 14Page - STMicroelectronics UM0804 Datasheet HTML 15Page - STMicroelectronics UM0804 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Block descriptions
UM0804
12/25
Doc ID 16303 Rev 2
6.9
General power supply
From a 5 V external AC/DC regulator power source, this block, generates all the required
voltages as follows:
1.2 V (Switching regulator PM6641) to supply the internal logic of the SPEAr300
1.8 V (Switching regulator PM6641) for the DDR2 memory.
2.5 V (LDO regulator) for the analog portion of SPEAr300
3.3 V (Switching regulator PM6641) to supply the other interfaces.
A power monitor is also present to provide the general reset of the board.
6.10
General-purpose I/Os
Eight general-purpose I/Os are present on the board. The eight lines are connected to the
J7 connector. The same connector also has GND and 3.3V pins available.
Note:
For the connector pinout, refer to the schematic drawing available on www.st.com/spear.
6.11
Reset switch
A manual reset switch (SW1) is available on the top side of the board.
6.12
LCD Interface
The J8 connector (p/n SFM-125-02-S-D manufacturer Samtec) is provided to allow you to
connect an LCD daughter board. It mates with TFM-125-02-S-D.
The following signals are available on this connector:
All the LCD interface signals
Two analog inputs (A/D)
+5 V
GND
Note:
For the connector pinout, refer to the schematic drawing
6.13
SDIO interface
A standard SDIO connector is also provided on the board (J5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com