Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4471 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4471
Description  STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4471 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4471 Datasheet HTML 7Page - STMicroelectronics AN4471 Datasheet HTML 8Page - STMicroelectronics AN4471 Datasheet HTML 9Page - STMicroelectronics AN4471 Datasheet HTML 10Page - STMicroelectronics AN4471 Datasheet HTML 11Page - STMicroelectronics AN4471 Datasheet HTML 12Page - STMicroelectronics AN4471 Datasheet HTML 13Page - STMicroelectronics AN4471 Datasheet HTML 14Page - STMicroelectronics AN4471 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
DocID026197 Rev 1
11/39
AN4471
Hardware layout and configuration
39
– HVM0 = HVM1 = - 80 V
– Load: 300 pF // 100
Ω
Table 8. Program “0”
Mode
Frequency
[MHz]
Number of
pulses
Initial pulse
PRF
H-Bridge
XDCR_1
PW
5
10
positive
300 µs
HV_TX
XDCR_2
PW
5
10
negative
300 µs
HV_TX
XDCR_3
PW
5
10
positive
300 µs
HV_TX
XDCR_4
PW
5
10
negative
300 µs
HV_TX
XDCR_5
PW
5
10
positive
300 µs
HV_TX
XDCR_6
PW
5
10
negative
300 µs
HV_TX
XDCR_7
PW
5
10
positive
300 µs
HV_TX
XDCR_8
PW
5
10
negative
300 µs
HV_TX
Table 9. State sequence Program “0”
XDCR_1, XDRC_3, XDCR_5, XDCR_7
XDCR_2, XDRC_4, XDCR_6, XDCR_8
CLAMP
2 µs
CLAMP
2 µs
HVP
100 ns
HVM
100 ns
HVM
100 ns
HVP
100 ns
HVP
100 ns
HVM
100 ns
HVM
100 ns
HVP
100 ns
HVP
100 ns
HVM
100 ns
HVM
100 ns
HVP
100 ns
HVP
100 ns
HVM
100 ns
HVM
100 ns
HVP
100 ns
HVP
100 ns
HVM
100 ns
HVM
100 ns
HVP
100 ns
CLAMP
2 µs
CLAMP
2 µs
RX
295 µs
RX
295 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com