Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4471 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4471
Description  STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4471 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4471 Datasheet HTML 9Page - STMicroelectronics AN4471 Datasheet HTML 10Page - STMicroelectronics AN4471 Datasheet HTML 11Page - STMicroelectronics AN4471 Datasheet HTML 12Page - STMicroelectronics AN4471 Datasheet HTML 13Page - STMicroelectronics AN4471 Datasheet HTML 14Page - STMicroelectronics AN4471 Datasheet HTML 15Page - STMicroelectronics AN4471 Datasheet HTML 16Page - STMicroelectronics AN4471 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
DocID026197 Rev 1
13/39
AN4471
Hardware layout and configuration
39
Table 11. State sequence Program “1”
XDCR_1
XDCR_2
XDCR_3
XDCR_4
CLAMP
2 µs
CLAMP
2.01 µs
CLAMP
2.02 µs
CLAMP
2.03 µs
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVM
100 ns
CLAMP
2 µs
CLAMP
2 µs
CLAMP
2 µs
CLAMP
2 µs
RX
295 µs
RX
294.99 µs
RX
294.98 µs
RX
294.97 µs
XDCR_5
XDCR_6
XDCR_7
XDCR_8
CLAMP
2.04 µs
CLAMP
2.05 µs
CLAMP
2.06 µs
CLAMP
2.07 µs
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVP
100 ns
HVM
100 ns
HVP
100 ns
HVM
100 ns
HVM
100 ns
CLAMP
2 µs
CLAMP
2 µs
CLAMP
2 µs
CLAMP
2 µs
RX
294.96 µs
RX
294.95 µs
RX
294.94 µs
RX
294.93 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com