Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4471 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4471
Description  STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4471 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4471 Datasheet HTML 17Page - STMicroelectronics AN4471 Datasheet HTML 18Page - STMicroelectronics AN4471 Datasheet HTML 19Page - STMicroelectronics AN4471 Datasheet HTML 20Page - STMicroelectronics AN4471 Datasheet HTML 21Page - STMicroelectronics AN4471 Datasheet HTML 22Page - STMicroelectronics AN4471 Datasheet HTML 23Page - STMicroelectronics AN4471 Datasheet HTML 24Page - STMicroelectronics AN4471 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
DocID026197 Rev 1
21/39
AN4471
Hardware layout and configuration
39
Further customized patterns based on test requirements for final applications can be
uploaded by the user into the remaining memory slots (through the.dfu file - see user
manual UM1083).
3.5
STHV800 stage
The STHV800 high-voltage, high-speed pulser generator features eight independent
channels. It is designed for medical ultrasound applications, but can also be used for other
piezoelectric, capacitive or MEMS transducers.
The device contains a controller logic interface circuit, level translators, MOSFET gate
drivers, noise blocking diodes and high-power P-channel and N-channel MOSFETs as
output stages for each channel. It also includes clamping-to-ground circuitry, anti-leakage,
an anti-memory effect block, a thermal sensor and a HV receiver switch (HVR_SW) that
ensures strong decoupling during the transmission phase.
The STHV800 also features self-biasing and thermal shutdown blocks (see Figure 14).
Figure 14. STHV800 single channel block diagram
Each channel can support up to three active output levels with one half-bridge. Each
channel consists of two supplied output stages for pulsed wave (PW) and continuous wave
(CW) operations. The PW output stage is able to provide up to ±2 A peak output current
while, to reduce power dissipation and jitter during continuous wave mode, the fully
optimized CW output stage delivers up to ±0.3 A.
Note:
For further information, please refer to the STHV800 datasheet.
The STEVAL-IME009V1 allows the user to configure the special pins on the STHV800, see
Table 18. A brief explanation of the use and functionality of these pins is given below:
• THSD is a thermal flag. The output stage of the THSD pin is a NMOS channel open-drain,
so it is necessary to connect the external pull-up resistance (R
≥ 10 kΩ) to the positive
low-voltage supply (see Figure 11). If the internal temperature exceeds 160 °C, THSD
HVM_CW
HVP_CW
HVM
HVP
TX
CW
Clamp
TRswitch
CW
TRswitch
LVOUT
XDCR
GND_PWR
TX
S0
S1
S2
S3
S5
S6
P
N
PCW
NCW
Clamp
RX
Clamp
RX
P
N
NCW
PCW
INx_0
INx_1
CW
AGND
Clamp
Clamp
p
S4
Noise
blocking
diodes
AM10224V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com