Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4471 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4471
Description  STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4471 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4471 Datasheet HTML 13Page - STMicroelectronics AN4471 Datasheet HTML 14Page - STMicroelectronics AN4471 Datasheet HTML 15Page - STMicroelectronics AN4471 Datasheet HTML 16Page - STMicroelectronics AN4471 Datasheet HTML 17Page - STMicroelectronics AN4471 Datasheet HTML 18Page - STMicroelectronics AN4471 Datasheet HTML 19Page - STMicroelectronics AN4471 Datasheet HTML 20Page - STMicroelectronics AN4471 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
DocID026197 Rev 1
17/39
AN4471
Hardware layout and configuration
39
Table 15. State sequence Program “3”
XDCR_1
XDCR_2
XDCR_3
XDCR_4
HVP_CW
20 ns
HVP_CW
30 ns
HVP_CW
40 ns
HVP_CW
50 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVP_CW
80 ns
HVP_CW
70 ns
HVP_CW
60 ns
HVP_CW
50 ns
XDCR_5
XDCR_6
XDCR_7
XDCR_8
HVP_CW
60 ns
HVP_CW
70 ns
HVP_CW
80 ns
HVP_CW
90 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVP_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVM_CW
100 ns
HVP_CW
40 ns
HVP_CW
30 ns
HVP_CW
20 ns
HVP_CW
10 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com