Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4471 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4471
Description  STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4471 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4471 Datasheet HTML 12Page - STMicroelectronics AN4471 Datasheet HTML 13Page - STMicroelectronics AN4471 Datasheet HTML 14Page - STMicroelectronics AN4471 Datasheet HTML 15Page - STMicroelectronics AN4471 Datasheet HTML 16Page - STMicroelectronics AN4471 Datasheet HTML 17Page - STMicroelectronics AN4471 Datasheet HTML 18Page - STMicroelectronics AN4471 Datasheet HTML 19Page - STMicroelectronics AN4471 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Hardware layout and configuration
AN4471
16/39
DocID026197 Rev 1
Figure 9. Acquisition by Program “2”, where C1, C2, C3 and C4 are XDCR_1, XDCR_2,
XDCR_3 and XDCR_4, respectively
3.4.5
Pattern Program 3
The fourth pattern stored in the SPI Flash is described in Table 14, where the output pulses
are in delayed by 10 ns each. Its state sequence is indicated in Table 15. In order to
appreciate the waveforms shown in Figure 10 and Figure 11, the following test conditions
have been applied:
– HVP_CW = + 10 V
– HVM_CW = - 10 V
– Load: 300 pF // 100
Ω
Table 14. Program “3”
Mode
Frequency [MHz]
Number of pulses
Initial pulse
H-Bridge
XDCR_1
CW
5
continuous wave
positive
HV-CW
XDCR_2
CW
5
continuous wave
positive
HV-CW
XDCR_3
CW
5
continuous wave
positive
HV-CW
XDCR_4
CW
5
continuous wave
positive
HV-CW
XDCR_5
CW
5
continuous wave
positive
HV-CW
XDCR_6
CW
5
continuous wave
positive
HV-CW
XDCR_7
CW
5
continuous wave
positive
HV-CW
XDCR_8
CW
5
continuous wave
positive
HV-CW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com