Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4471 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4471
Description  STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4471 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4471 Datasheet HTML 23Page - STMicroelectronics AN4471 Datasheet HTML 24Page - STMicroelectronics AN4471 Datasheet HTML 25Page - STMicroelectronics AN4471 Datasheet HTML 26Page - STMicroelectronics AN4471 Datasheet HTML 27Page - STMicroelectronics AN4471 Datasheet HTML 28Page - STMicroelectronics AN4471 Datasheet HTML 29Page - STMicroelectronics AN4471 Datasheet HTML 30Page - STMicroelectronics AN4471 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
DocID026197 Rev 1
27/39
AN4471
Connectors
39
Note:
This memory is mutually exclusive with the on-board Flash memory, disconnect J38 before
plugging an expansion memory over J10; relative LED (D29) turns on.
4.5
FPGA
FPGA USER I/O connector (J7) connector is used for debugging purposes; it allows the
user to directly interface with FPGA I/Os.
Table 24. FPGA USER I/O connector pinout
Pin number
Description
Pin number
Description
Direction
1
GND
2
CW
OUTPUT
3
GND
4
TRIGGER_OUT
OUTPUT
5
GND
6
CLKOUT
OUTPUT
7
GND
8
CYCLE_END
OUTPUT
9
GND
10
THSD_EN
OUTPUT
11
GND
12
ERROR
OUTPUT
13
GND
14
PROG<0>
IN/OUT
15
GND
16
PROG<1>
IN/OUT
17
GND
18
PROG<2>
IN/OUT
19
GND
20
PROG<3>
IN/OUT
21
GND
22
IDLE_SEL<0>
IN/OUT
23
GND
24
IDLE_SEL<1>
IN/OUT
25
GND
26
REMOTE_ENABLE
INPUT
27
GND
28
REMOTE_START
INPUT
29
GND
30
REMOTE_STOP
INPUT
31
GND
32
REMOTE_RESET
INPUT
Table 25. FPGA PMOD connectors (J8) not mounted on the board
Pin number
Description
Pin number
Description
1
Not used
2
Not used
3
Not used
4
Not used
5
GND
6
3.3 V
7
Not used
8
Not used
9
Not used
10
Not used
11
GND
12
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com