Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4471 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4471
Description  STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4471 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4471 Datasheet HTML 18Page - STMicroelectronics AN4471 Datasheet HTML 19Page - STMicroelectronics AN4471 Datasheet HTML 20Page - STMicroelectronics AN4471 Datasheet HTML 21Page - STMicroelectronics AN4471 Datasheet HTML 22Page - STMicroelectronics AN4471 Datasheet HTML 23Page - STMicroelectronics AN4471 Datasheet HTML 24Page - STMicroelectronics AN4471 Datasheet HTML 25Page - STMicroelectronics AN4471 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Hardware layout and configuration
AN4471
22/39
DocID026197 Rev 1
goes down and puts all the channels into the HZ state. By externally forcing THSD to a
positive low-voltage supply, the thermal protection is disabled.
• EXPOSED-PAD is internally connected to the substrate. It is accessible on the bottom
side of the board and it is floating. The user can connect a 100 V capacitance to ground
in order to reduce noise during the receiving phase.
More information on the THSD pin is described in Table 18.
The STHV800 output waveforms for each channel Ch 1/2/3/4/5/6/7/8 can be displayed
directly using an oscilloscope by connecting the scope probe to the XDCR_x (with x= 1, …
8) BNC connectors.
The user can also select whether or not to connect the on board equivalent load, a 270 pF
200 V capacitor paralleled with a 100
Ω, 2 W resistor (through J19, J21, J20, J18, J27, J31,
J28, J32 respectively for Channel 1, ... 8). A coaxial cable can also be used to easily
connect the user transducer. Eight low voltage outputs are also available to receive the
transduced echo signal arriving from the piezo-element through the TRswitch (see Table 5)
on the low voltage output BNC (JlCh1, JlCh2, …).
Once the STHV800 performance is appreciated, users can make their own boards. The
main issues to be wary of during the PCB design are the capacitance values to ensure good
filtering and effective decoupling between the low voltage inputs and the HV switching
signals. The best way to ensure this is through layer separation.
3.6
Operating supply conditions
Table 18. STHV800 special pin configuration
Special pins on the PCB demo
Name
Description
Status on board
THSD (pin 29)
Thermal shutdown pin
Active (J24 closed between 1 and 2 - forced
to 3 V through R58 = 10 k
Ω). The user can
monitor the THSD status on TP3 (test point).
Moreover the user can give the control to
FPGA by shorting J24 between 2 and 3
Table 19. DC working supply conditions
Operating supply voltages
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDDP
Positive supply voltage
2.7
3
3.6
V
VDDM
Negative supply voltage
- 2.7
- 3
- 3.6
V
VDD
Positive logic voltage
1.6
3
3.6
V
HVP
TX high voltage positive supply
95
V
HVP_CW
CW high voltage positive supply
95
V
HVM
TX high voltage negative supply
- 95
V
HVM_CW
CW high voltage negative supply
- 95
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com