Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4471 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4471
Description  STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4471 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4471 Datasheet HTML 15Page - STMicroelectronics AN4471 Datasheet HTML 16Page - STMicroelectronics AN4471 Datasheet HTML 17Page - STMicroelectronics AN4471 Datasheet HTML 18Page - STMicroelectronics AN4471 Datasheet HTML 19Page - STMicroelectronics AN4471 Datasheet HTML 20Page - STMicroelectronics AN4471 Datasheet HTML 21Page - STMicroelectronics AN4471 Datasheet HTML 22Page - STMicroelectronics AN4471 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
DocID026197 Rev 1
19/39
AN4471
Hardware layout and configuration
39
3.4.6
Pattern Program 4
The fifth pattern stored in the SPI Flash is described in Table 16, where the output pulses
are in phase. Its state sequence is indicated in Table 17. In order to appreciate the
waveforms shown in Figure 12 and Figure 13, the following test conditions have been
applied:
– HVP = +80 V
– HVM = -80 V
– Load: 300pF // 100
Ω
Table 16. Program “4”
Mode
Frequency
[MHz]
Number of
pulses
Initial pulse
PRF
H-Bridge
XDCR_1
PC
2.5
3
positive
300 µs
HV_TX
XDCR_2
PC
2.5
3
negative
300 µs
HV_TX
XDCR_3
PC
5
3
positive
300 µs
HV_TX
XDCR_4
PC
5
3
negative
300 µs
HV_TX
XDCR_5
PC
2.5
2
positive
300 µs
HV_TX
XDCR_6
PC
2.5
2
negative
300 µs
HV_TX
XDCR_7
PC
5
2
positive
300 µs
HV_TX
XDCR_8
PC
5
2
negative
300 µs
HV_TX
Table 17. State sequence Program “4”
XDCR_1
XDCR_2
XDCR_3
XDCR_4
CLAMP
2 µs
CLAMP
2 µs
CLAMP
2 µs
CLAMP
2 µs
HVP
200 ns
HVM
200 ns
HVP
100 ns
HVM
100 ns
HVM
200 ns
HVP
200 ns
HVM
100 ns
HVP
100 ns
HVP
200 ns
HVM
200 ns
HVP
100 ns
HVM
100 ns
CLAMP
2 µs
CLAMP
2 µs
CLAMP
2 µs
CLAMP
2 µs
RX
295.4 µs
RX
295.4 µs
RX
295.7 µs
RX
295.7 µs
XDCR_5
XDCR_6
XDCR_7
XDCR_8
CLAMP
2 µs
CLAMP
2 µs
CLAMP
2 µs
CLAMP
2 µs
HVP
200 ns
HVM
200 ns
HVP
100 ns
HVP
100 ns
HVM
200 ns
HVP
200 ns
HVM
100 ns
HVM
100 ns
CLAMP
2 µs
CLAMP
2 µs
CLAMP
2 µs
HVP
2 µs
RX
295.6 µs
RX
295.6 µs
RX
295.8 µs
HVM
295.8 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com