Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0223 Datasheet(PDF) 86 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 82Page - STMicroelectronics PM0223 Datasheet HTML 83Page - STMicroelectronics PM0223 Datasheet HTML 84Page - STMicroelectronics PM0223 Datasheet HTML 85Page - STMicroelectronics PM0223 Datasheet HTML 86Page - STMicroelectronics PM0223 Datasheet HTML 87Page - STMicroelectronics PM0223 Datasheet HTML 88Page - STMicroelectronics PM0223 Datasheet HTML 89Page - STMicroelectronics PM0223 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 110 page
background image
STM32L0 Core Peripherals
PM0223
86/110
DocID025763 Rev 1
Find the NVIC_IPR number and byte offset for interrupt M as follows:
The corresponding NVIC_IPR number, N, is given by N = N DIV 4.
The byte offset of the required Priority field in this register is M MOD 4, where:
Byte offset 0 refers to register bits[7:0].
Byte offset 1 refers to register bits[15:8].
Byte offset 2 refers to register bits[23:16].
Byte offset 3 refers to register bits[31:24].
4.2.7
Level-sensitive and pulse interrupts
STM32L0 interrupts are both level-sensitive and pulse-sensitive. Pulse interrupts are also
described as edge-triggered interrupts.
A level-sensitive interrupt is held asserted until the peripheral deasserts the interrupt signal.
Typically this happens because the ISR accesses the peripheral, causing it to clear the
interrupt request. A pulse interrupt is an interrupt signal sampled synchronously on the
rising edge of the processor clock. To ensure the NVIC detects the interrupt, the peripheral
must assert the interrupt signal for at least one clock cycle, during which the NVIC detects
the pulse and latches the interrupt.
When the processor enters the ISR, it automatically removes the pending state from the
interrupt, see Hardware and software control of interrupts on page 86. For a level-sensitive
interrupt, if the signal is not deasserted before the processor returns from the ISR, the
interrupt becomes pending again, and the processor must execute its ISR again. This
means that the peripheral can hold the interrupt signal asserted until it no longer requires
servicing.
Hardware and software control of interrupts
The STM32L0 Cortex-M0+ latches all interrupts. A peripheral interrupt becomes pending for
one of the following reasons:
The NVIC detects that the interrupt signal is active and the corresponding interrupt is
not active.
The NVIC detects a rising edge on the interrupt signal.
Software writes to the corresponding interrupt set-pending register bit, see 4.2.4:
Interrupt Set-pending Register on page 84.
A pending interrupt remains pending until one of the following:
The processor enters the ISR for the interrupt. This changes the state of the interrupt
from pending to active. Then:
For a level-sensitive interrupt, when the processor returns from the ISR, the NVIC
samples the interrupt signal. If the signal is asserted, the state of the interrupt
changes to pending, which might cause the processor to immediately re-enter the
ISR. Otherwise, the state of the interrupt changes to inactive.
For a pulse interrupt, the NVIC continues to monitor the interrupt signal, and if this
is pulsed the state of the interrupt changes to pending and active. In this case,
when the processor returns from the ISR the state of the interrupt changes to
pending, which might cause the processor to immediately re-enter the ISR. If the
interrupt signal is not pulsed while the processor is in the ISR, when the processor
returns from the ISR the state of the interrupt changes to inactive.
Software writes to the corresponding interrupt clear-pending register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com