Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0223 Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 26Page - STMicroelectronics PM0223 Datasheet HTML 27Page - STMicroelectronics PM0223 Datasheet HTML 28Page - STMicroelectronics PM0223 Datasheet HTML 29Page - STMicroelectronics PM0223 Datasheet HTML 30Page - STMicroelectronics PM0223 Datasheet HTML 31Page - STMicroelectronics PM0223 Datasheet HTML 32Page - STMicroelectronics PM0223 Datasheet HTML 33Page - STMicroelectronics PM0223 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 110 page
background image
The STM32L0 Cortex-M0+ Processor
PM0223
30/110
DocID025763 Rev 1
2.3.5
Exception priorities
As Table 13 on page 27 shows, all exceptions have an associated priority, with:
•
A lower priority value indicating a higher priority.
•
Configurable priorities for all exceptions except Reset, HardFault, and NMI.
If software does not configure any priorities, then all exceptions with a configurable priority
have a priority of 0. For information about configuring exception priorities see
•
4.3.8: System Handler Priority Registers on page 94
•
I4.2.6: Interrupt Priority Registers on page 85.
Note:
Configurable priority values are in the range 0-192, in steps of 64. The Reset, HardFault,
and NMI exceptions, with fixed negative priority values, always have higher priority than any
other exception.
Assigning a higher priority value to IRQ[0] and a lower priority value to IRQ[1] means that
IRQ[1] has higher priority than IRQ[0]. If both IRQ[1] and IRQ[0] are asserted, IRQ[1] is pro-
cessed before IRQ[0].
If multiple pending exceptions have the same priority, the pending exception with the lowest
exception number takes precedence. For example, if both IRQ[0] and IRQ[1] are pending
and have the same priority, then IRQ[0] is processed before IRQ[1].
When the processor is executing an exception handler, the exception handler is preempted
if a higher priority exception occurs. If an exception occurs with the same priority as the
exception being handled, the handler is not preempted, irrespective of the exception num-
ber. However, the status of the new interrupt changes to pending.
2.3.6
Exception entry and return
Descriptions of exception handling use the following terms:
Preemption When the processor is executing an exception handler, an exception can
preempt the exception handler if its priority is higher than the priority of the
exception being handled.
When one exception preempts another, the exceptions are called nested
exceptions. See Exception entry on page 31 for more information.
Return
This occurs when the exception handler is completed, and:
•
There is no pending exception with sufficient priority to be serviced.
•
The completed exception handler was not handling a late-arriving
exception.
The processor pops the stack and restores the processor state to the state it
had before the interrupt occurred. See Exception return on page 32 for more
information.
Tail-chaining This mechanism speeds up exception servicing. On completion of an
exception handler, if there is a pending exception that meets the
requirements for exception entry, the stack pop is skipped and control
transfers to the new exception handler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com