Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0223 Datasheet(PDF) 46 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 42Page - STMicroelectronics PM0223 Datasheet HTML 43Page - STMicroelectronics PM0223 Datasheet HTML 44Page - STMicroelectronics PM0223 Datasheet HTML 45Page - STMicroelectronics PM0223 Datasheet HTML 46Page - STMicroelectronics PM0223 Datasheet HTML 47Page - STMicroelectronics PM0223 Datasheet HTML 48Page - STMicroelectronics PM0223 Datasheet HTML 49Page - STMicroelectronics PM0223 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 110 page
background image
The STM32L0 Cortex-M0+ Instruction Set
PM0223
46/110
DocID025763 Rev 1
3.4.1
ADR
Generates a PC-relative address.
Syntax
ADR Rd, label
where:
Operation
ADR
generates an address by adding an immediate value to the PC, and writes the result to
the destination register.
ADR
facilitates the generation of position-independent code, because the address is
PC-relative.
If you use ADR to generate a target address for a BX or BLX instruction, you must ensure
that bit[0] of the address you generate is set to 1 for correct execution.
Restrictions
In this instruction Rd must specify R0-R7. The data-value addressed must be word aligned
and within 1020 bytes of the current PC.
Condition flags
This instruction does not change the flags.
Examples
ADR R1, TextMessage ; Write address value of a location labelled as;
TextMessage to R1
ADR R3, [PC,#996]
; Set R3 to value of PC + 996.
Rd
Is the destination register.
label
Is a PC-relative expression. See 3.3.5: PC-relative expressions on page 42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com