Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0223 Datasheet(PDF) 95 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 91Page - STMicroelectronics PM0223 Datasheet HTML 92Page - STMicroelectronics PM0223 Datasheet HTML 93Page - STMicroelectronics PM0223 Datasheet HTML 94Page - STMicroelectronics PM0223 Datasheet HTML 95Page - STMicroelectronics PM0223 Datasheet HTML 96Page - STMicroelectronics PM0223 Datasheet HTML 97Page - STMicroelectronics PM0223 Datasheet HTML 98Page - STMicroelectronics PM0223 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 110 page
background image
DocID025763 Rev 1
95/110
PM0223
STM32L0 Core Peripherals
108
System Handler Priority Register 3
The bit assignments are
4.3.9
SCB usage hints and tips
Ensure software uses aligned 32-bit word size transactions to access all the SCB registers.
4.4
SysTick timer (STK)
When enabled, the timer counts down from the reload value to zero, reloads (wraps to) the
value in the SYST_RVR on the next clock cycle, then decrements on subsequent clock
cycles. Writing a value of zero to the SYST_RVR disables the counter on the next wrap.
When the counter transitions to zero, the COUNTFLAG status bit is set to 1. Reading
SYST_CSR clears the COUNTFLAG bit to 0.Writing to the SYST_CVR clears the register
and the COUNTFLAG status bit to 0. The write does not trigger the SysTick exception logic.
Reading the register returns its value at the time it is accessed.
Note:
When the processor is halted for debugging the counter does not decrement.
The system timer registers are:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
PRI_15
PRI_14
rw
rw
rw
rw
r
r
r
r
rw
rw
rw
rw
r
r
r
r
15
14
13
12
11
10
9
8
76
5432
1
0
Reserved
Bits 31:24 PRI_15: Priority of system handler 15, SysTick exception(1)
Bits 23:16 PRI_14: Priority of system handler 14, PendSV
Bits 15:0
Reserved, must be kept cleared
1. This is Reserved when the SysTick timer is not implemented.
Table 33. System timer registers summary
Address
Name
Type
Required
privilege
Reset value
Description
0xE000E010
STK_CSR
RW
Privileged 0x00000000
4.4.1: SysTick Control and Status
Register (STK_CSR) on page 96.
0xE000E014
STK_RVR
RW
Privileged Unknown
4.4.2: SysTick Reload Value
Register (STK_RVR) on page 96.
0xE000E018
STK_CVR
RW
Privileged Unknown
4.4.3: SysTick Current Value
Register (STK_CVR) on page 97.
0xE000E01C
STK_CALIB RO
Privileged 0xC0000000(1)
1.
SysTick calibration value.
4.4.4: SysTick Calibration Value
Register (STK_CALIB) on
page 97.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com