Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0223 Datasheet(PDF) 33 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 29Page - STMicroelectronics PM0223 Datasheet HTML 30Page - STMicroelectronics PM0223 Datasheet HTML 31Page - STMicroelectronics PM0223 Datasheet HTML 32Page - STMicroelectronics PM0223 Datasheet HTML 33Page - STMicroelectronics PM0223 Datasheet HTML 34Page - STMicroelectronics PM0223 Datasheet HTML 35Page - STMicroelectronics PM0223 Datasheet HTML 36Page - STMicroelectronics PM0223 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 110 page
background image
DocID025763 Rev 1
33/110
PM0223
The STM32L0 Cortex-M0+ Processor
35
2.4
Fault handling
Faults are a subset of exceptions, see 2.3: Exception model on page 26. All faults result in
the HardFault exception being taken or cause Lockup if they occur in the NMI or HardFault
handler. The faults are:
•
Execution of an SVC instruction at a priority equal or higher than SVCall.
•
Execution of a BKPT instruction without a debugger attached.
•
A system-generated bus error on a load or store.
•
Execution of an instruction from an XN memory address.
•
Execution of an instruction from a location for which the system generates a bus fault.
•
A system-generated bus error on a vector fetch.
•
Execution of an Undefined instruction.
•
Execution of an instruction when not in Thumb state as a result of the T-bit being
previously cleared to 0.
•
An attempted load or store to an unaligned address.
•
An MPU fault because of a privilege violation or an attempt to access an unmanaged
region.
Note:
Only Reset and NMI can preempt the fixed priority HardFault handler. A HardFault can
preempt any exception other than Reset, NMI, or another HardFault.
2.4.1
Lockup
The processor enters a Lockup state if a fault occurs when executing the NMI or HardFault
handlers, or if the system generates a bus error when unstacking the PSR on an exception
return using the MSP. When the processor is in Lockup state it does not execute any
instructions. The processor remains in Lockup state until one of the following occurs:
•
It is reset.
•
A debugger halts it.
•
An NMI occurs and the current Lockup is in the HardFault handler.
Note:
If Lockup state occurs in the NMI handler a subsequent NMI does not cause the processor
to leave Lockup state.
2.5
Power management
The STM32L0 Cortex-M0+ processor sleep modes reduce power consumption:
•
A sleep mode, that stops the processor clock.
•
A deep sleep mode, that enters ultra low-power modes.
The SLEEPDEEP bit of the SCR selects which sleep mode is used, see 4.3.6: System Con-
trol Register on page 92. When entering the deep sleep mode, the PDSS bit in PWR_CR
register will select entry in Stop or Standby mode, see the reference manual chapter "low-
power modes" for details.
This section describes the mechanisms for entering sleep mode, and the conditions for wak-
ing up from sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com