Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0223 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 10Page - STMicroelectronics PM0223 Datasheet HTML 11Page - STMicroelectronics PM0223 Datasheet HTML 12Page - STMicroelectronics PM0223 Datasheet HTML 13Page - STMicroelectronics PM0223 Datasheet HTML 14Page - STMicroelectronics PM0223 Datasheet HTML 15Page - STMicroelectronics PM0223 Datasheet HTML 16Page - STMicroelectronics PM0223 Datasheet HTML 17Page - STMicroelectronics PM0223 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 110 page
background image
The STM32L0 Cortex-M0+ Processor
PM0223
14/110
DocID025763 Rev 1
General-purpose registers
R0-R12 are 32-bit general-purpose registers for data operations.
Stack Pointer
The Stack Pointer (SP) is register R13. In Thread mode, bit[1] of the CONTROL register
indicates the stack pointer to use:
•
0 = Main Stack Pointer (MSP). This is the reset value.
•
1 = Process Stack Pointer (PSP).
On reset, the processor loads the MSP with the value from address 0x00000000.
Link Register
The Link Register (LR) is register R14. It stores the return information for subroutines, func-
tion calls, and exceptions. On reset, the LR value is Unknown.
Program Counter
The Program Counter (PC) is register R15. It contains the current program address. On
reset, the processor loads the PC with the value of the reset vector, which is at address
0x00000004
. Bit[0] of the value is loaded into the EPSR T-bit at reset and must be 1.
Program Status Register
The Program Status Register (PSR) combines:
•
Application Program Status Register (APSR).
•
Interrupt Program Status Register (IPSR).
•
Execution Program Status Register (EPSR).
These registers are allocated as mutually exclusive bitfields within the 32-bit PSR. The PSR
bit assignments are:
APSR
RW
Unknown
Application Program Status Register on page 15
IPSR
RO
0x00000000
Interrupt Program Status Register on page 16
EPSR
RO
Unknown
Execution Program Status Register on page 16
PRIMASK
RW
0x00000000
Priority Mask Register on page 17
CONTROL
RW
0x00000000
CONTROL register on page 17
1. Describes access type during program execution in Thread mode and Handler mode. Debug access can
differ.
2. Bit[24] is the T-bit and is loaded from bit[0] of the reset vector.
Table 3. Core register set summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com