Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0223 Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 18Page - STMicroelectronics PM0223 Datasheet HTML 19Page - STMicroelectronics PM0223 Datasheet HTML 20Page - STMicroelectronics PM0223 Datasheet HTML 21Page - STMicroelectronics PM0223 Datasheet HTML 22Page - STMicroelectronics PM0223 Datasheet HTML 23Page - STMicroelectronics PM0223 Datasheet HTML 24Page - STMicroelectronics PM0223 Datasheet HTML 25Page - STMicroelectronics PM0223 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
The STM32L0 Cortex-M0+ Processor
PM0223
22/110
DocID025763 Rev 1
Table 10. Ordering of memory accesses(1)
1. - Means that the memory system does not guarantee the ordering of the accesses
< Means that accesses are observed in program order, that is A1 is always observed before A2.
2.2.3
Behavior of memory accesses
The behavior of accesses to each region in the memory map is:
The Code, SRAM, and external RAM regions can hold programs.
The MPU can override the default memory access behavior described in this section. For
more information, see 4.5: Memory Protection Unit on page 98.
Table 11. Memory access behavior(1)
1. See Memory regions, types and attributes on page 20 for more information.
Address range
Memory region
Memory type
XN
Description
0x00000000-
0x1FFFFFFF
Code
Normal
-
Executable region for
program code. You can
also put data here.
0x20000000-
0x3FFFFFFF
SRAM
Normal
-
Executable region for
data. You can also put
code here.
0x40000000-
0x5FFFFFFF
Peripheral
Device
XN
External device memory.
0x60000000-
0x9FFFFFFF
External RAM
Normal
-
Executable region for
data.
0xA0000000-
0xDFFFFFFF
External device 
Device
XN
External device memory.
0xE0000000-
0xE00FFFFF
Private Peripheral
Bus
Strongly- ordered
XN
This region includes the
NVIC, System timer, and
System Control Block.
Only word accesses can
be used in this region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com