Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0223 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 6Page - STMicroelectronics PM0223 Datasheet HTML 7Page - STMicroelectronics PM0223 Datasheet HTML 8Page - STMicroelectronics PM0223 Datasheet HTML 9Page - STMicroelectronics PM0223 Datasheet HTML 10Page - STMicroelectronics PM0223 Datasheet HTML 11Page - STMicroelectronics PM0223 Datasheet HTML 12Page - STMicroelectronics PM0223 Datasheet HTML 13Page - STMicroelectronics PM0223 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
About this document
PM0223
10/110
DocID025763 Rev 1
The STM32L0 Cortex-M0+ processor closely integrates a configurable Nested Vectored
Interrupt Controller (NVIC), to deliver industry-leading interrupt performance. The NVIC:
•
Includes a Non-Maskable Interrupt (NMI).
•
Provides zero jitter interrupt option.
•
Provides four interrupt priority levels.
The tight integration of the processor core and NVIC provides fast execution of Interrupt
Service Routines (ISRs), dramatically reducing the interrupt latency. This is achieved through
the hardware stacking of registers, and the ability to abandon and restart load-multiple and
store-multiple operations. Interrupt handlers do not require any assembler wrapper code,
removing any code overhead from the ISRs. Tail-chaining optimization also significantly
reduces the overhead when switching from one ISR to another.
To optimize low-power designs, the NVIC integrates with the sleep modes, that include a
deep sleep function that enables the entire device to be rapidly powered down.
1.3.1
System-level interface
The STM32L0 Cortex-M0+ processor provides a single system-level interface using AMBA
®
technology to provide high speed, low latency memory accesses.
The STM32L0 Cortex-M0+ processor has an optional Memory Protection Unit (MPU) that
provides fine grain memory control, enabling applications to use multiple privilege levels,
separating and protecting code, data and stack on a task-by-task basis. Such requirements
are becoming critical in many embedded applications such as automotive systems.
1.3.2
Integrated configurable debug
The STM32L0 Cortex-M0+ processor implements a complete hardware debug solution, with
extensive hardware breakpoint and watchpoint options. This provides high system visibility
of the processor, memory and peripherals through a <2-pin Serial Wire Debug (SWD) port>
that is ideal for microcontrollers and other small package devices.
1.3.3
STM32L0 Cortex-M0+ processor features summary
•
Thumb instruction set with Thumb-2 Technology.
•
High code density with 32-bit performance.
•
User and Privileged mode execution.
•
Tools and binary upwards compatible with Cortex-M processor family.
•
Integrated ultra low-power sleep modes.
•
Efficient code execution enabling slower processor clock or increased sleep time.
•
Single-cycle 32-bit hardware multiplier.
•
Zero jitter interrupt handling.
•
Memory Protection Unit (MPU) for safety-critical applications.
•
Low latency, high-speed peripheral I/O port.
•
A Vector Table Offset Register.
•
Extensive debug capabilities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com