Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1657 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1657 Datasheet HTML 18Page - STMicroelectronics UM1657 Datasheet HTML 19Page - STMicroelectronics UM1657 Datasheet HTML 20Page - STMicroelectronics UM1657 Datasheet HTML 21Page - STMicroelectronics UM1657 Datasheet HTML 22Page - STMicroelectronics UM1657 Datasheet HTML 23Page - STMicroelectronics UM1657 Datasheet HTML 24Page - STMicroelectronics UM1657 Datasheet HTML 25Page - STMicroelectronics UM1657 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Hardware description
UM1657
22/48
DocID025094 Rev 1
1.
The power supply sources: USB connector and jack connector for external power
supply. USB connector is used also for I/O with the microcontroller with a virtual COM
port exposed to the PC.
2.
Switch to turn ON or OFF the board.
3.
JTAG/SWD connector.
4.
Three button and a joystick:
a)
SCM_PS, not used
b)
RESET, for resetting the MB board
c)
Push_Button, used to enter in DFU mode
d)
Joystick, not used.
5.
Test point (TP), to probe the SPI signals, the 4 GPIOs of the SPIRIT1, the shutdown of
the SPIRIT1 (SDN), the supply voltage of the SPIRIT1 (VCCRF). The list of signals
available is:
a)
GND
b)
VCC_RF
c)
GPIO SDN (the pin to drive in SHUTDOWN the SPIRIT1)
d)
SPI CSn
e)
SPI MISO
f)
SPI MOSI
g)
SPI SCKL
h)
SPIRIT1 GPIO2
i)
SPIRIT1 GPIO3
j)
SPIRIT1 GPIO1
k)
SPIRIT1 GPIO0
l)
GND
6.
Five LEDs
7.
SMA connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com