Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1657 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1657 Datasheet HTML 33Page - STMicroelectronics UM1657 Datasheet HTML 34Page - STMicroelectronics UM1657 Datasheet HTML 35Page - STMicroelectronics UM1657 Datasheet HTML 36Page - STMicroelectronics UM1657 Datasheet HTML 37Page - STMicroelectronics UM1657 Datasheet HTML 38Page - STMicroelectronics UM1657 Datasheet HTML 39Page - STMicroelectronics UM1657 Datasheet HTML 40Page - STMicroelectronics UM1657 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
DocID025094 Rev 1
37/48
UM1657
SPIRIT1 DK - GUI description
48
Five panels are available:
Read registers.
Write registers.
Save register values.
SPIRIT1 information.
VCC_RF regulator.
To read the registers of the SPIRIT1 is necessary to write the address of the first register
from which starts the read operation. Then, it is necessary to write the number of registers to
read starting from that address.
To write a register of the SPIRIT1 is necessary to write the address of the register to modify
and the new value of the register.
All the registers of the SPIRIT1 can be read and saved in a text file by clicking the Save
button of the "Save register value" panel.
The SPIRIT1 status can be read by pressing the "SPIRIT1 state" button. Also the version of
the SPIRIT1 can be read.
Only for STEVAL-IKR001Vx - RF motherboard, the VCC_RF supply voltage for the SPIRIT1
can be changed be-tween 1.8 and 3.6 V.
Only for STEVAL-IKR002Vx - RF module and STEVAL-IKR001V8D, the offset of frequency
measured during production can be readout by the button Freq. offset.
The three buttons allow setting some particular test modes:
RX Data on GPIO
Send Data from GPIO
RX Data on GPIO No Packet
The RX Data on GPIO configures the GPIO_0 and the GPIO_1 of the SPIRIT1 to send
respectively the RX data received and the clock signal. In this way, when the SPIRIT1 goes
in RX state it is possible to see the packet received.
The Send Data from GPIO configures the GPIO_0 and the GPIO_1 of the SPIRIT1 to send
respectively the data to transmit and the clock to sample the data. In this way, when the
SPIRIT1 goes in TX state it is possible to send data loaded through the GPIO (and not
through the FIFO as usual).
The RX Data on GPIO No Packet is equals to the RX Data on GPIO with the only difference
that the packet handler embedded in the SPIRIT1 is by-passed.
3.3.3
How run a BER test using signal generator
Through the low level commands tab is possible to put the SPIRIT1 in RX direct more
through GPIOs. In this mode, the packet handler is totally bypassed and the demodulated
data plus associated clock signal is available on two GPIOs. This mode can be enabled by
the button "RX Data on GPIO No Packet". The two signals then can be used as in Figure LL
in a signal generator with BER option to allow measuring the Bit Error Rate according to that
particular radio configuration. The data must be sampled on falling edge of clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com