Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1657 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM1657 Datasheet HTML 31Page - STMicroelectronics UM1657 Datasheet HTML 32Page - STMicroelectronics UM1657 Datasheet HTML 33Page - STMicroelectronics UM1657 Datasheet HTML 34Page - STMicroelectronics UM1657 Datasheet HTML 35Page - STMicroelectronics UM1657 Datasheet HTML 36Page - STMicroelectronics UM1657 Datasheet HTML 37Page - STMicroelectronics UM1657 Datasheet HTML 38Page - STMicroelectronics UM1657 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
DocID025094 Rev 1
35/48
UM1657
SPIRIT1 DK - GUI description
48
The button "Sense RSSI" can be used to read the RF power on air according to the center
frequency and the channel filter bandwidth configured. This feature allows knowing also the
RF noise in the environment.
The "RSSI threshold [dBm]" set the threshold of the RSSI. To achieve a good
communication it is important to set in the receiver an RSSI threshold greater than the RX
noise floor.
3.3.1
AES
Selecting the "AES" tab allow the user to make some AES encryption/decryption operation
supported by the SPIRIT1 hardware.
The operations supported are:
Encryption
Derive decryption key
Decryption using a decryption key
Decryption using an encryption key
The Encryption operation is performed following these steps:
1.
Select "Encryption" in AES operation
2.
Type the clear text composed of 128 bits (i.e. 32 hex chars) in the Data input field
3.
Type the encryption key composed of 128 bits (i.e. 32 hex chars) in the Key field
4.
Push "START AES OPERATION" button
5.
The encrypted text is provided as 32 hex chars in Data output
Figure 23. AES Encryption operation
The Derive decryption key operation is performed following these steps:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com