Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1657 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1657 Datasheet HTML 19Page - STMicroelectronics UM1657 Datasheet HTML 20Page - STMicroelectronics UM1657 Datasheet HTML 21Page - STMicroelectronics UM1657 Datasheet HTML 22Page - STMicroelectronics UM1657 Datasheet HTML 23Page - STMicroelectronics UM1657 Datasheet HTML 24Page - STMicroelectronics UM1657 Datasheet HTML 25Page - STMicroelectronics UM1657 Datasheet HTML 26Page - STMicroelectronics UM1657 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
DocID025094 Rev 1
23/48
UM1657
Hardware description
48
Figure 9. STEVAL-IKR001Vx
1.6.2
STEVAL-IKR001Vx (RF module)
The RF module includes 5 different possible BOM lists, on the same layout PCB. Each one
optimized for different RF band as follow:
169 MHz
315 MHz
433 MHz
868 MHz
915 MHz
The band indication is reported with a dummy resistor on the board, in A Figure 10.
A SMA connector on the RF module, in B Figure 10, allows connection with RF instruments
as spectrum analyzer and signal generator to the SPIRIT1 by RF cable or also connect an
antenna as the one included in the demo kit. The board is powered through the RF
daughterboard connector, in D Figure 10, by the RF motherboard and communicates
through this connector by SPI and some GPIOs with the microcontroller.
The VCC_RF pin of the RF daughterboard connector is linked to the Vbat of the SPIRIT1
through a jumper that can be also removed to measure the current consumption, in C
Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com