Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1657 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1657 Datasheet HTML 28Page - STMicroelectronics UM1657 Datasheet HTML 29Page - STMicroelectronics UM1657 Datasheet HTML 30Page - STMicroelectronics UM1657 Datasheet HTML 31Page - STMicroelectronics UM1657 Datasheet HTML 32Page - STMicroelectronics UM1657 Datasheet HTML 33Page - STMicroelectronics UM1657 Datasheet HTML 34Page - STMicroelectronics UM1657 Datasheet HTML 35Page - STMicroelectronics UM1657 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
SPIRIT1 DK - GUI description
UM1657
32/48
DocID025094 Rev 1
3.2.8
Packet setting - BASIC
As shown in Figure 21, selecting BASIC (default configuration), SPIRIT1 DK - DB uses the
packet format BASIC described in the datasheet. The options for the packet are:
Preamble length
Sync length
Sync value
CRC
FEC
Data whitening
These entire fields can be changed according to these limits:
Preamble length in the interval: [1 - 32] bytes.
Sync length in the interval: [1 - 4] bytes.
CRC:
– NO CRC.
– Poly 0x07 (1 byte).
– Poly 0x8005 (2 bytes).
– Poly 0x1021 (2 bytes).
– Poly 0x864CFE (3 bytes).
The "FEC" and the "Data whitening" can be checked or not according to the desired setting.
In particular, if the "FEC" is checked, this feature is used during the transmission; the same
apply for "Data whitening".
3.2.9
Packet setting - WMBUS
As shown in Figure 22, selecting MBUS, SPIRIT1 DK - DB uses the packet format MBUS
described in the datasheet. The options for the packet are:
MBUS submode.
Preamble length.
Postamble length.
FEC.
Data whitening.
These entire fields can be changed according to these limits:
Preamble length in the interval: [0 - 255] chip sequence (01).
Postamble length in the interval: [0 - 255] chip sequence (01).
MBUS submode:
–
S1, S2, long header.
–
S1m, S2, T2 other to meter.
–
T1, T2, meter to other.
–
R2 short header.
–N1a-f, N2a-f
The "FEC" and the "Data whitening" can be checked or not according to the desired setting.
In particular, if the "FEC" is checked, this feature is used during the transmission; the same
apply for "Data whitening".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com