Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1657 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM1657 Datasheet HTML 37Page - STMicroelectronics UM1657 Datasheet HTML 38Page - STMicroelectronics UM1657 Datasheet HTML 39Page - STMicroelectronics UM1657 Datasheet HTML 40Page - STMicroelectronics UM1657 Datasheet HTML 41Page - STMicroelectronics UM1657 Datasheet HTML 42Page - STMicroelectronics UM1657 Datasheet HTML 43Page - STMicroelectronics UM1657 Datasheet HTML 44Page - STMicroelectronics UM1657 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
DocID025094 Rev 1
41/48
UM1657
SPIRIT1 WM-BUS GUI description
48
4
SPIRIT1 WM-BUS GUI description
This section describes how to use the Spirit1 Wireless M-BUS-GUI.
4.1
Firmware installation
The boards come preprogrammed with firmware suitable to run Spirit1 DK-GUI, in order to
operate the WM-BUS GUI, it is necessary to reprogram the appropriate firmware. In order to
program the correct firmware, you need to know in which band you would like to operate.
The bands supported are 169 MHz and 868 MHz. Based on your choice, please follow the
instructions in section 4.2.9.2 and load the firmware image …\Firmware\Binary\SPIRIT1-
wmbus-gui-<band>.hex in the board to be used in conjunction with the GUI (concentrator)
and load the firmware image …\Firmware\Binary\SPIRIT1-wmbus-meter-<band>.hex in the
board to be used as a meter.
4.2
Detailed description
The SPIRIT1 Wireless M-BUS - GUI requires only the concentrator to be connected with the
PC, the meter is operated through joystick and buttons and it needs USB connection just for
power.
After the boards are prepared as described in section 5.1, the user can run the GUI. After
running the GUI, the fol-lowing steps needs to be performed:
1.
Connect the concentrator board to the PC.
2.
Click the connect button, you should get the message "Connection Successful" (see
Figure 30 and Figure 31)
3.
Select the "Configuration" tab and click on receive all (see Figure 32)
4.
Please check the parameters and in particular that "Device type" is concentrator and
WM-Bus mode is S1m if you are using 868 MHz band or N1 if you are using 169 MHz
band and that the "Device mode" is "Install mode". (see Figure 32)
5.
Power the meter board and move the joystick down (or press the button SW1 for
STEVAL-IDS001Vx). The yellow LED DL5 should be on in the concentrator board (or
green LED D2 for STEVAL-IDS001Vx).
6.
The meter should be now registered in the concentrator database
7.
Go to the "Meters" tab and click Refresh
8.
On the concentrator and meter, push the "Push_Button" button. Red LED DL3 should
be now ON on both boards (press the button SW2 for STEVAL-IDS001Vx and the
yellow LED D1 will turn ON).
9.
Go to "Monitoring tab" and click "Auto Refresh"
10. On the meter, do the following:
a)
Push joystick up to increase the gas consumption.
b)
Push joystick right to send data to concentrator (press the button SW2 on
STEVAL-IDS001Vx).
11. The data is automatically displayed in the "Monitoring" tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com