Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1657 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1657 Datasheet HTML 25Page - STMicroelectronics UM1657 Datasheet HTML 26Page - STMicroelectronics UM1657 Datasheet HTML 27Page - STMicroelectronics UM1657 Datasheet HTML 28Page - STMicroelectronics UM1657 Datasheet HTML 29Page - STMicroelectronics UM1657 Datasheet HTML 30Page - STMicroelectronics UM1657 Datasheet HTML 31Page - STMicroelectronics UM1657 Datasheet HTML 32Page - STMicroelectronics UM1657 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
DocID025094 Rev 1
29/48
UM1657
SPIRIT1 DK - GUI description
48
3.2.2
Supply voltage panel (supported only in STEVAL-IKR001Vx - RF
motherboard)
At the top right of the main window, the user can read supply voltage of the SPIRIT1 DK -
DB. This voltage can be also read by the pin VCCRF on the SPIRIT1 DK - MB.
Figure 17. Supply voltage display
This function is available only for STEVAL-IKR001Vx - RF motherboard.
3.2.3
Radio setting panel
The "Radio setting" panel is always shown informing the user about:
Frequency base.
Modulation.
XTAL frequency.
Data rate.
Frequency deviation.
Channel filter.
Output power.
These entire fields can be changed according to these limits (the values may slightly change
according to the XTAL frequency):
 Frequency base
–
Low band: [150 - 174] MHz.
–
Middle band I: [300 - 348] MHz.
–
Middle band II: [387 - 470] MHz.
–
High band: [799 - 956] MHz.
Modulation:
–2-FSK.
–
GFSK BT 0.5.
–
GFSK BT 1.
–
MSK.
–
GMSK.
–
ASK.
–
OOK.
Data rate in the interval: [99 - 500000] bps.
Frequency deviation in the interval: [793 - 761718] Hz.
Channel filter in the interval: [1100 - 800100] Hz.
Output power in the interval: [-30.0 13.0] dBm or [-3.0 +30.0] dBm if PA EXT is
checked.
XTAL frequency is the value of the frequency of the crystal in the SPIRIT1 DK - DB, the
value must be in the range: [24 26] MHz and [48 52] MHz. If the AUTO check box is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com