Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1657 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM1657 Datasheet HTML 35Page - STMicroelectronics UM1657 Datasheet HTML 36Page - STMicroelectronics UM1657 Datasheet HTML 37Page - STMicroelectronics UM1657 Datasheet HTML 38Page - STMicroelectronics UM1657 Datasheet HTML 39Page - STMicroelectronics UM1657 Datasheet HTML 40Page - STMicroelectronics UM1657 Datasheet HTML 41Page - STMicroelectronics UM1657 Datasheet HTML 42Page - STMicroelectronics UM1657 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
DocID025094 Rev 1
39/48
UM1657
SPIRIT1 DK - GUI description
48
3.4.2
Firmware upgrade
The SPIRIT1 DK is shipped with a firmware which allows performing automatic firmware
upgrade via the USB port. The default firmware is composed of two applications:
DFU boot loader which allows to perform firmware upgrade
Application firmware that runs the application selected by the user
In order to perform firmware upgrade the user should:
1.
Activate the DFU software manually, by pressing and releasing "RESET" button while
holding down the "Push_button" (the button is the SCM_PS for the STEVAL-IKR001Vx
and for the STEVAL-IDS001Vx board the procedure is unplug the USB RF dongle,
press and hold the button SW1 and then plug the USB RF dongle and release the SW
button). The board LED DL2 (LED D2 in the STEVAL-IDS001Vx boards) will start
flashing to confirm that DFU boot loader is running.
2.
Launch the SPIRIT1 DK GUI and from Tools->Firmware Upgrade select the firmware
image to load
3.
After clicking OK the firmware will be programmed into the board.
The firmware images are in Intel hex format and are stored in the folder <Installation
Path>\Firmware\Binary.
The firmware images present in the folder are described in Table 4.
3.4.3
Save and load configurations
The Save option allows to save the current radio configuration and packet configuration in a
file, in order to make easy to restore it at later time.
The Load option allows loading the stored radio and packet configurations from a file.
A set of predefined radio configuration are provided in the default folder <Installation
Path>\Spirit_GUI_Configuration.
Table 4. SPIRIT DK firmware images
Firmware image name
Description
SPIRIT1_DK.hex
SPIRIT1 DK GUI firmware to be used in conjunction with SPIRIT1
DK GUI.
SPIRIT1-wmbus-meter-169.hex SPIRIT1 WM-BUS meter demo 169 MHz firmware image.
SPIRIT1-wmbus-meter-868.hex SPIRIT1 WM-BUS meter demo 868 MHz firmware image.
SPIRIT1-wmbus-gui-169.hex
SPIRIT1 WM-BUS concentrator GUI demo 169 MHz firmware
image.
SPIRIT1-wmbus-gui-868.hex
SPIRIT1 WM-BUS concentrator GUI demo 868 MHz firmware
image.
SPIRIT1_DK-DFU.hex
SPIRIT1 DFU boot loader image. This is not suitable for automatic
firmware upgrade and it is provided only for crash recovery if the
DFU boot loader has been deleted by mistake.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com