Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1158CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1158CS
Description  Half Bridge N-Channel Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1158CS Datasheet(HTML) 1 Page - Linear Technology

  LT1158CS Datasheet HTML 1Page - Linear Technology LT1158CS Datasheet HTML 2Page - Linear Technology LT1158CS Datasheet HTML 3Page - Linear Technology LT1158CS Datasheet HTML 4Page - Linear Technology LT1158CS Datasheet HTML 5Page - Linear Technology LT1158CS Datasheet HTML 6Page - Linear Technology LT1158CS Datasheet HTML 7Page - Linear Technology LT1158CS Datasheet HTML 8Page - Linear Technology LT1158CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT1158
1
Half Bridge N-Channel
Power MOSFET Driver
s
Drives Gate of Top Side MOSFET Above V+
s
Operates at Supply Voltages from 5V to 30V
s
150ns Transition Times Driving 3000pF
s
Over 500mA Peak Driver Current
s
Adaptive Non-Overlap Gate Drives
s
Continuous Current Limit Protection
s
Auto Shutdown and Retry Capability
s
Internal Charge Pump for DC Operation
s
Built-In Gate Voltage Protection
s
Compatible with Current-Sensing MOSFETs
s
TTL/CMOS Input Levels
s
Fault Output Indication
A single input pin on the LT1158 synchronously controls
two N-channel power MOSFETs in a totem pole configura-
tion. Unique adaptive protection against shoot-through
currents eliminates all matching requirements for the two
MOSFETs. This greatly eases the design of high efficiency
motor control and switching regulator systems.
A continuous current limit loop in the LT1158 regulates
short-circuit current in the top power MOSFET. Higher
start-up currents are allowed as long as the MOSFET VDS
does not exceed 1.2V. By returning the fault output to the
enable input, the LT1158 will automatically shut down in
the event of a fault and retry when an internal pull-up
current has recharged the enable capacitor.
An on-chip charge pump is switched in when needed to
turn on the top N-channel MOSFET continuously. Special
circuitry ensures that the top side gate drive is safely
maintained in the transition between PWM and DC opera-
tion. The gate-to-source voltages are internally limited to
14.5V when operating at higher supply voltages.
FEATURES
DESCRIPTION
Top and Bottom Gate Waveforms
+
–
+
+
RSENSE
0.015
Ω
500
µF
LOW
ESR
0.1
µF
IRFZ34
IRFZ34
24V
1N4148
10
µF
1
µF
0.01
µF
PWM
0Hz TO
100kHz
BOOST
BOOST DR
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
B GATE DR
B GATE FB
GND
V+
V+
INPUT
ENABLE
FAULT
BIAS
LT1158
+
LOAD
LT1158 TA01
TYPICAL APPLICATION
VIN = 24V
RL = 12Ω
1158 TA02
s
PWM of High Current Inductive Loads
s
Half Bridge and Full Bridge Motor Control
s
Synchronous Step-Down Switching Regulators
s
Three-Phase Brushless Motor Drive
s
High Current Transducer Drivers
s
Battery-Operated Logic-Level MOSFETs
APPLICATIONS


Similar Part No. - LT1158CS

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1158CSW LINEAR_DIMENSIONS-LT1158CSW Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
More results

Similar Description - LT1158CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9976DY VISHAY-SI9976DY Datasheet
113Kb / 5P
N-Channel Half-Bridge Driver
05-Apr-99
logo
Linear Technology
LT1336 LINER-LT1336 Datasheet
365Kb / 16P
Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022 Datasheet
130Kb / 9P
Half-Bridge MOSFET Driver
logo
Vishay Siliconix
SI9976 VISHAY-SI9976 Datasheet
83Kb / 6P
N-Channel Half-Bridge Driver
19-Apr-04
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022_05 Datasheet
198Kb / 10P
Half-Bridge MOSFET Driver
logo
Linear Dimensions Semic...
LT1158CSW LINEAR_DIMENSIONS-LT1158CSW Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158_15 Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
LT1336 LINER-LT1336_15 Datasheet
266Kb / 20P
Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
logo
Vishay Siliconix
SI9976 VISHAY-SI9976_V01 Datasheet
106Kb / 7P
N-Channel Half-Bridge Driver
19-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com