Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1158CS Datasheet(PDF) 17 Page - Linear Technology

Part # LT1158CS
Description  Half Bridge N-Channel Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1158CS Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1158CS Datasheet HTML 12Page - Linear Technology LT1158CS Datasheet HTML 13Page - Linear Technology LT1158CS Datasheet HTML 14Page - Linear Technology LT1158CS Datasheet HTML 15Page - Linear Technology LT1158CS Datasheet HTML 16Page - Linear Technology LT1158CS Datasheet HTML 17Page - Linear Technology LT1158CS Datasheet HTML 18Page - Linear Technology LT1158CS Datasheet HTML 19Page - Linear Technology LT1158CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LT1158
17
Figure 14. Potentiometer-Adjusted Open Loop Motor Speed Control with Short-Circuit Protection
330pF
LT1158 F13
+
0.01
µF
4.7k
1
µF
+
1000
µF
LOW ESR
500
µF EA
LOW ESR
RS
0.007
Ω
L1
70
µH
SHORT-CIRCUIT
CURRENT = 15A
5V OR
12V
*
INPUT
30V MAX
IRFZ44
330k
0.1
µF
10k
30k
10
µF
* ADD THESE COMPONENTS TO IMPLEMENT
LOW-DROPOUT 12V REGULATOR
L1: MAGNETICS CORE #55585-A2
30 TURNS 14GA MAGNET WIRE
MBR340
27k
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BOOST
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
V+
B GATE DR
BOOST DR
V+
BIAS
ENABLE
FAULT
INPUT
GND
B GATE FB
LT1158
510
Ω
1N4148
1N4148
1N4148
1
µF
2.2nF
0.1
µF
3.4k
*
*
EXT
SYNC
0.01
µF
0.01
µF
+
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
LT3525
4.7k
SHUTDOWN
+
RS: DALE TYPE LVR-3
ULTRONIX RCS01
(2) IRFZ44
+–
f = 25kHz
2.2nF
LT1158 F14
+
0.01
µF
5.1k
1000
µF
LOW ESR
24
Ω
START CURRENT
= 15A MINIMUM
10V TO 30V
24
Ω
0.1
µF
10
µF
THE CMOS 555 IS USED AS A 25kHz TRIANGLE-WAVE
OSCILLATOR DRIVING THE LT1158 INPUT PIN. THE
D.C. LEVEL OF THE TRIANGLE WAVE IS SET BY THE
POTENTIOMETER ON THE CMOS 555 SUPPLY PIN, AND
ALLOW ADJUSTMENT OF THE LT1158 DUTY CYCLE
FROM 0 TO 100%.
CMOS 555: LMC555 OR TLC555
Q1, Q2: MTP35N06E
13k
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BOOST
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
V+
B GATE DR
BOOST DR
V+
BIAS
ENABLE
FAULT
INPUT
GND
B GATE FB
LT1158
510
Ω
1N4148
1
µF
MOTOR SPEED
0 TO 100%
0.33
µF
+
10k
+
+
–
1
2
3
4
8
7
6
5
CMOS
555
1N5231A
Q1
Q2
0.02
Ω
7.5k
1k
Μ
Figure 13. 90% Efficiency 24V to 5V 10A Switching Regulator
95% Efficiency 24V to 12V 10A Low Dropout Switching Regulator
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com