Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1158CS Datasheet(PDF) 4 Page - Linear Technology

Part # LT1158CS
Description  Half Bridge N-Channel Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1158CS Datasheet(HTML) 4 Page - Linear Technology

  LT1158CS Datasheet HTML 1Page - Linear Technology LT1158CS Datasheet HTML 2Page - Linear Technology LT1158CS Datasheet HTML 3Page - Linear Technology LT1158CS Datasheet HTML 4Page - Linear Technology LT1158CS Datasheet HTML 5Page - Linear Technology LT1158CS Datasheet HTML 6Page - Linear Technology LT1158CS Datasheet HTML 7Page - Linear Technology LT1158CS Datasheet HTML 8Page - Linear Technology LT1158CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1158
4
Charge Pump Output Voltage
Input Thresholds
Enable Thresholds
SUPPLY VOLTAGE (V)
0
2.0
2.5
3.0
30
LT1158 G07
1.5
1.0
10
20
40
0.5
0
3.5
V(HIGH)
V(LOW)
–40°C
+25°C
+85°C
–40°C
+25°C
+85°C
515
25
35
Fault Conduction Threshold
SUPPLY VOLTAGE (V)
0
60
70
90
100
110
160
130
10
20
25
LT1158 G08
80
140
150
120
515
30
35
40
V11 = 0V
–40°C
+25°C
+85°C
Current Limit Threshold
SUPPLY VOLTAGE (V)
0
100
110
130
140
150
200
170
10
20
25
LT1158 G09
120
180
190
160
515
30
35
40
CLOSED LOOP
+85°C
–40°C
+25°C
Current Limit Inhibit VDS Threshold
SUPPLY VOLTAGE (V)
0
1.00
1.05
1.15
1.20
1.25
1.50
1.35
10
20
25
LT1158 G10
1.10
1.40
1.45
1.30
515
30
35
40
V2 – V11
–40°C
+25°C
+85°C
Bottom Gate Rise Time
SUPPLY VOLTAGE (V)
0
200
250
300
40
LT1158 G11
150
100
0
10
20
30
50
400
350
CGATE = 10000pF
CGATE = 1000pF
CGATE = 3000pF
515
25
35
Bottom Gate Fall Time
SUPPLY VOLTAGE (V)
0
200
250
300
40
LT1158 G12
150
100
0
10
20
30
50
400
350
CGATE = 10000pF
CGATE = 1000pF
CGATE = 3000pF
515
25
35
INPUT FREQUENCY (kHz)
1
0
5
10
15
20
40
10
100
LT1158 G04
25
30
35
CGATE = 10000pF
50% DUTY CYCLE
V+ = 12V
CGATE = 1000pF
CGATE = 3000pF
Dynamic Supply Current
SUPPLY VOLTAGE (V)
0
0
5
15
20
25
50
35
10
20
25
LT1158 G05
10
40
45
30
515
30
35
40
10
µA LOAD
NO LOAD
SUPPLY VOLTAGE (V)
0
0.8
1.0
1.2
1.4
1.6
10
20
30
40
LT1158 G06
1.8
2.0
5
15
25
35
V(HIGH)
V(LOW)
–40°C
+25°C
+85°C
–40°C
+25°C
+85°C
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com