Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1158CS Datasheet(PDF) 5 Page - Linear Technology

Part # LT1158CS
Description  Half Bridge N-Channel Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1158CS Datasheet(HTML) 5 Page - Linear Technology

  LT1158CS Datasheet HTML 1Page - Linear Technology LT1158CS Datasheet HTML 2Page - Linear Technology LT1158CS Datasheet HTML 3Page - Linear Technology LT1158CS Datasheet HTML 4Page - Linear Technology LT1158CS Datasheet HTML 5Page - Linear Technology LT1158CS Datasheet HTML 6Page - Linear Technology LT1158CS Datasheet HTML 7Page - Linear Technology LT1158CS Datasheet HTML 8Page - Linear Technology LT1158CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1158
5
SUPPLY VOLTAGE (V)
0
200
250
300
40
LT1158 G13
150
100
0
10
20
30
50
400
350
CGATE = 10000pF
CGATE = 1000pF
CGATE = 3000pF
515
25
35
Top Gate Rise Time
Top Gate Fall Time
SUPPLY VOLTAGE (V)
0
200
250
300
40
LT1158 G14
150
100
0
10
20
30
50
400
350
CGATE = 10000pF
CGATE = 1000pF
CGATE = 3000pF
515
25
35
Transition Times vs RGate
GATE RESISTANCE (
Ω)
0
600
800
80
LT1158 G15
400
200
0
20
40
60
100
700
500
300
100
10
30
50
70
90
V+ = 12V
CGATE = 3000pF
RISE TIME
FALL TIME
Pin 1 (Boost Drive): Recharges and clamps the bootstrap
capacitor to 14.5V higher than pin 13 via an external diode.
Pin 2 (V
+): Main supply pin; must be closely decoupled to
the ground pin 7.
Pin 3 (Bias): Decouple point for the internal 2.6V bias
generator.
Pin 3 cannot have any external DC loading.
Pin 4 (Enable): When left open, the LT1158 operates
normally. Pulling pin 4 low holds both MOSFETs off
regardless of the input state.
Pin 5 (Fault): Open collector NPN output which turns on
when V12 – V11 exceeds the fault conduction threshold.
Pin 6 (Input): Taking pin 6 high turns the top MOSFET on
and bottom MOSFET off; pin 6 low reverses these states.
An input latch captures each low state, ignoring an ensu-
ing high until pin 13 has gone below 2.6V.
Pin 8 (Bottom Gate Feedback): Must connect directly to
the bottom power MOSFET gate. The top MOSFET turn-on
is inhibited until pin 8 has discharged to 1.5V. A hold-on
current source also feeds the bottom gate via pin 8.
Pin 9 (Bottom Gate Drive): The high current drive point
for the bottom MOSFET. When a gate resistor is used, it is
inserted between pin 9 and the gate of the MOSFET.
PI FU CTIO S
Pin 10 (V
+): Bottom side driver supply; must be con-
nected to the same supply as pin 2.
Pin 11 (Sense Negative): The floating reference for the
current limit comparator. Connects to the low side of a
current shunt or Kelvin lead of a current-sensing MOSFET.
When pin 11 is within 1.2V of V
+, current limit is inhibited.
Pin 12 (Sense Positive): Connects to the high side of the
current shunt or sense lead of a current-sensing MOSFET.
A built-in offset between pins 11 and 12 in conjunction
with RSENSE sets the top MOSFET short-circuit current.
Pin 13 (Top Source): Top side driver return; connects to
MOSFET source and low side of the bootstrap capacitor.
Pin 14 (Top Gate Feedback): Must connect directly to the
top power MOSFET gate. The bottom MOSFET turn-on is
inhibited until V14 – V13 has discharged to 1.75V. An on-
chip charge pump also feeds the top gate via pin 14.
Pin 15 (Top Gate Drive): The high current drive point for
the top MOSFET. When a gate resistor is used, it is inserted
between pin 15 and the gate of the MOSFET.
Pin 16 (Boost): Top side driver supply; connects to the
high side of the bootstrap capacitor and to a diode either
from supply (V
+ < 10V) or from pin 1 (V+ > 10V).
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com