Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1158CS Datasheet(PDF) 16 Page - Linear Technology

Part # LT1158CS
Description  Half Bridge N-Channel Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1158CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1158CS Datasheet HTML 12Page - Linear Technology LT1158CS Datasheet HTML 13Page - Linear Technology LT1158CS Datasheet HTML 14Page - Linear Technology LT1158CS Datasheet HTML 15Page - Linear Technology LT1158CS Datasheet HTML 16Page - Linear Technology LT1158CS Datasheet HTML 17Page - Linear Technology LT1158CS Datasheet HTML 18Page - Linear Technology LT1158CS Datasheet HTML 19Page - Linear Technology LT1158CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT1158
16
0.01
µF
LT1158 F12
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BOOST
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
V+
B GATE DR
BOOST DR
V+
BIAS
ENABLE
FAULT
INPUT
GND
B GATE FB
LT1158
+
+
1N4148
10
µF
24k
1000pF
0.05
µF
1k
510
Ω
1N4148
1
2
3
4
8
7
6
5
LT1431
1000
µF
LOW ESR
500
µF
LOW ESR
RS
20m
Ω
SHORT-CIRCUIT
CURRENT = 6A
+5V/4A
OUTPUT
8V TO 20V INPUT
IRFZ34
510k
+
0.1
µF
×
L1: COILTRONICS
CTX50-5-52
RS: VISHAY/DALE TYPE LVR-3
VISHAY/ULTRONIX RCS01, SM1
ISOTEK CORP. ISA-PLAN SMR
CONSTANT OFF TIME CURRENT MODE CONTROL LOOP
FREQUENCY =
WHERE tOFF ≈ 10µs
VP0300
INSERT FOR
ZERO POWER
SHUTDOWN
100k
CMOS
ON/OFF
SEE FIGURE 4 FOR EFFICIENCY CURVE
100
Ω
100
Ω
IRFZ44
L1
50
µH
+–
2N2222
100k
1
tOFF (
)
1 –
VOUT
VIN
Figure 12. High Efficiency 5V Step-Down Switching Regulator (Requires No Heatsinks)
200pF
1000pF
LT1158 F11
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BOOST
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
V+
B GATE DR
BOOST DR
V+
BIAS
ENABLE
FAULT
INPUT
GND
B GATE FB
LT1158
+
0.01
µF
10
µF
0.33µF
DRIVER SUPPLY 10V TO 15V
(CAN BE POWERED FROM VIN
WITH LOGIC-LEVEL Q1, Q2)
24k
0.01
µF
1
2
3
4
8
7
6
5
LT1431
+
330
µF
6.3V
AVX
× 4
220
µF
10V
OS-CON
× 4
RS
L1
8
µH
0.01
Ω
EA
SHORT-CIRCUIT
CURRENT = 22A
VOUT
15A
VIN 4.5V TO 6V
500k
0.22
µF
1
2
3
4
8
7
6
5
CMOS
555
RX
1%
4.99k
1%
16k
470pF
+
Q1, Q2: MTB75N05HD (USE WITH 10V TO 15V DRIVER SUPPLY)
MTB75N03HDL (USE WITH VIN DRIVER SUPLY)
CMOS 555: LMC555 OR TLC555
L1: COILTRONICS CTX02-12171-1
RS: KRL/BANTRY SL-1R010J × 2
Q2
3.3k
+
–
SHUTDOWN
Q1
BAS16
VOUT
RX (1%)
2.90V
806
Ω
3.05V
1.10k
3.30V
1.62k
3.45V
1.91k
3.60V
2.21k
Figure 11. 5V to 3.XXV,15A Converter (Uses PC Board Area for Heatsink)
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com