Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1158CS Datasheet(PDF) 2 Page - Linear Technology

Part # LT1158CS
Description  Half Bridge N-Channel Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1158CS Datasheet(HTML) 2 Page - Linear Technology

  LT1158CS Datasheet HTML 1Page - Linear Technology LT1158CS Datasheet HTML 2Page - Linear Technology LT1158CS Datasheet HTML 3Page - Linear Technology LT1158CS Datasheet HTML 4Page - Linear Technology LT1158CS Datasheet HTML 5Page - Linear Technology LT1158CS Datasheet HTML 6Page - Linear Technology LT1158CS Datasheet HTML 7Page - Linear Technology LT1158CS Datasheet HTML 8Page - Linear Technology LT1158CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1158
2
ORDER PART
NUMBER
LT1158CN
LT1158IN
LT1158CS
LT1158IS
θJA = 70°C/W
θJA = 110°C/W
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SOL
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BOOST DR
V+
BIAS
ENABLE
FAULT
INPUT
GND
B GATE FB
BOOST
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
V+
B GATE DR
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PLASTIC DIP
16
15
14
13
12
11
10
9
BOOST DR
V+
BIAS
ENABLE
FAULT
INPUT
GND
B GATE FB
BOOST
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
V+
B GATE DR
LT1158I
LT1158C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP MAX
MIN
TYP
MAX
UNITS
I2 + I10
DC Supply Current (Note 2)
V
+ = 30V, V16 = 15V, V4 = 0.5V
2.2
3
2.2
3
mA
V
+ = 30V, V16 = 15V, V6 = 0.8V
4.5
7
10
4.5
7
10
mA
V
+ = 30V, V16 = 15V, V6 = 2V
8
13
18
8
13
18
mA
I16
Boost Current
V
+ = V13 = 30V, V16 = 45V, V6 = 0.8V
3
4.5
3
4.5
mA
V6
Input Threshold
q
0.8
1.4
2
0.8
1.4
2
V
I6
Input Current
V6 = 5V
q
515
5
15
µA
V4
Enable Low Threshold
V6 = 0.8V, Monitor V9
q
0.9
1.15
1.4
0.85
1.15
1.4
V
∆V4
Enable Hysteresis
V6 = 0.8V, Monitor V9
q
1.3
1.5
1.7
1.2
1.5
1.8
V
I4
Enable Pullup Current
V4 = 0V
q
15
25
35
15
25
35
µA
V15
Charge Pump Voltage
V
+ = 5V, V6 = 2V, Pin 16 open, V13 → 5V
q
9
11
9
11
V
V
+ = 30V, V6 = 2V, Pin16 open, V13 → 30V
q
40
43
47
40
43
47
V
V9
Bottom Gate “ON” Voltage
V
+ = V16 = 18V, V6 = 0.8V
q
12
14.5
17
12
14.5
17
V
V1
Boost Drive Voltage
V
+ = V16 = 18V, V6 = 0.8V, 100mA Pulsed Load
q
12
14.5
17
12
14.5
17
V
Consult factory for Military grade parts.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (Pins 2, 10) .................................... 36V
Boost Voltage (Pin 16)............................................ 56V
Continuous Output Currents (Pins 1, 9, 15) ....... 100mA
Sense Voltages (Pins 11, 12)................... –5V to V
++5V
Top Source Voltage (Pin 13).................... –5V to V
++5V
Boost to Source Voltage (V16 – V13) ....... –0.3V to 20V
Operating Temperature Range
LT1158C ................................................ 0
°C to 70°C
LT1158I ............................................ –40
°C to 85°C
Junction Temperature (Note 1)
LT1158C .......................................................... 125
°C
LT1158I ........................................................... 150
°C
Storage Temperature Range ................ –65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................ 300
°C
PACKAGE/ORDER INFORMATION
open, Gate Feedback pins connected to Gate Drive pins unless otherwise specified.
ELECTRICAL CHARACTERISTICS Test Circuit, TA = 25°C, V+ = V16 = 12V, V11 = V12 = V13 = 0V, Pins 1 and 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com