Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1158CS Datasheet(PDF) 7 Page - Linear Technology

Part # LT1158CS
Description  Half Bridge N-Channel Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1158CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1158CS Datasheet HTML 3Page - Linear Technology LT1158CS Datasheet HTML 4Page - Linear Technology LT1158CS Datasheet HTML 5Page - Linear Technology LT1158CS Datasheet HTML 6Page - Linear Technology LT1158CS Datasheet HTML 7Page - Linear Technology LT1158CS Datasheet HTML 8Page - Linear Technology LT1158CS Datasheet HTML 9Page - Linear Technology LT1158CS Datasheet HTML 10Page - Linear Technology LT1158CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT1158
7
(Refer to Functional Diagram)
Whenever there is an input transition on pin 6, the LT1158
follows a logical sequence to turn off one MOSFET and
turn on the other. First, turn-off is initiated, then VGS is
monitored until it has decreased below the turn-off thresh-
old, and finally the other gate is turned on. An input latch
gets reset by every low state at pin 6, but can only be set
if the top source pin has gone low, indicating that there will
be sufficient charge in the bootstrap capacitor to safely
turn on the top MOSFET.
In order to conserve power, the gate drivers only provide
turn-on current for up to 2
µs, set by internal one-shot
circuits. Each LT1158 driver can deliver 500mA for 2
µs, or
1000nC of gate charge –– more than enough to turn on
multiple MOSFETs in parallel. Once turned on, each gate is
held high by a DC gate sustaining current: the bottom gate
by a 100
µA current source, and the top gate by an on-chip
charge pump running at approximately 500kHz.
The floating supply for the top side driver is provided by
a bootstrap capacitor between the boost pin 16 and top
source pin 13. This capacitor is recharged each time pin
The LT1158 self-enables via an internal 25
µA pull-up on
the enable pin 4. When pin 4 is pulled down, much of the
input logic is disabled, reducing supply current to 2mA.
With pin 4 low, the input state is ignored and both MOSFET
gates are actively held low. With pin 4 enabled, one or the
other of the 2 MOSFETs is turned on, depending on the
state of the input pin 6: high for top side on, and low for
bottom side on. The 1.4V input threshold is regulated and
has 200mV of hysteresis.
In order to allow operation over 5V to 30V nominal supply
voltages, an internal bias generator is employed to furnish
constant bias voltages and currents. The bias generator is
decoupled at pin 3 to eliminate any effects from switching
transients.
No DC loading is allowed on pin 3.
The top and bottom gate drivers in the LT1158 each utilize
two gate connections: 1) A gate drive pin, which provides
the turn-on and turn-off currents through an optional
series gate resistor; and 2) A gate feedback pin which
connects directly to the gate to monitor the gate-to-source
voltage and supply the DC gate sustaining current.
0.01
µF
LT1158 TC01
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BOOST
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
V+
B GATE DR
BOOST DR
V+
BIAS
ENABLE
FAULT
INPUT
GND
B GATE FB
+
V+
+
3000pF
1
µF
+
+
V16
+
V11
+
V12
3000pF
+
V8
V6
50
Ω
+
V4
3k
1/2W
150
Ω
2W
+
V14 – V13
LT1158
VN2222LL
100
Ω
10
µF
CLOSED
LOOP
2k
1/2W
TEST CIRCUIT
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com