Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1158CS Datasheet(PDF) 18 Page - Linear Technology

Part # LT1158CS
Description  Half Bridge N-Channel Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1158CS Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1158CS Datasheet HTML 12Page - Linear Technology LT1158CS Datasheet HTML 13Page - Linear Technology LT1158CS Datasheet HTML 14Page - Linear Technology LT1158CS Datasheet HTML 15Page - Linear Technology LT1158CS Datasheet HTML 16Page - Linear Technology LT1158CS Datasheet HTML 17Page - Linear Technology LT1158CS Datasheet HTML 18Page - Linear Technology LT1158CS Datasheet HTML 19Page - Linear Technology LT1158CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LT1158
18
Figure 15. High Efficiency 6-Cell NiCd Protected Motor Drive
BAT85
LT1158 F15
0.01
µF
15
Ω
START CURRENT
= 25A MINIMUM
15
Ω
0.1
µF
Q2
Q1, Q2: IRLZ44 (LOGIC-LEVEL)
RS: DALE TYPE LVR-3
ULTRONIX RCS01
1k
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BOOST
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
V+
B GATE DR
BOOST DR
V+
BIAS
ENABLE
FAULT
INPUT
GND
B GATE FB
LT1158
RS
0.015
Ω
1N4148
+
–
Q1
STOP
(FREE RUN)
PWM
100
µF
+
7.2V
NOMINAL
+
10
µF
+
1
µF
Μ
POSITION FEEDBACK
CONTROLS LT1158
ENABLE INPUTS
φA
5V
1158 F16
ENABLE
FAULT
INPUT
LT1158
V+
ENABLE
FAULT
INPUT
LT1158
V+
ENABLE
FAULT
INPUT
LT1158
V+
φB
φC
SHUTDOWN
PWM CONTROLS
LT1158 INPUTS
COMMUTATING LOGIC
Figure 16. 3-Phase Brushless DC Motor Control
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com