Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1186FC Datasheet(PDF) 8 Page - Linear Technology

Part # LT1186FC
Description  DAC Programmable CCFL Switching Regulator(Bits-to-NitsTM)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1186FC Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1186FC Datasheet HTML 4Page - Linear Technology LT1186FC Datasheet HTML 5Page - Linear Technology LT1186FC Datasheet HTML 6Page - Linear Technology LT1186FC Datasheet HTML 7Page - Linear Technology LT1186FC Datasheet HTML 8Page - Linear Technology LT1186FC Datasheet HTML 9Page - Linear Technology LT1186FC Datasheet HTML 10Page - Linear Technology LT1186FC Datasheet HTML 11Page - Linear Technology LT1186FC Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1186F
PIN FUNCTIONS
AGND (Pin 5): This is the low current analog ground. It is
the negative sense terminal for the internal 1.24V refer-
ence and the ICCFL summing voltage in the LT1186F.
Connect low current signal paths that terminate to ground
and frequency compensation components that terminate
to ground directly to this pin for best regulation and
performance.
SHDN (Pin 6): Pulling this pin low causes complete
regulator shutdown with quiescent current typically re-
duced to 35
µA. If the pin is not used, use a pull-up resistor
to force a logic high level (maximum of 6V) or tie directly
to VCC. In a shutdown condition, the DAC retains its last
output current setting and returns to this level when the
logic-low signal at the shutdown pin is removed.
CLK (Pin 7): This pin is the shift clock for the DAC. This
clock synchronizes the serial data and is a Schmitt
trigger input. In standard SPI mode, the clock shifts data
into DIN and out of DOUT on the rising and falling edges
of the clock respectively. In pulse mode, the rising edge
of the clock either increments or decrements the counter.
This action depends on the choice of a 1-wire interface
(increment only) or a 2-wire interface (increment/decre-
ment).
CS (Pin 8): This pin is the chip select input for the DAC. In
SPI mode, a logic low on the CS pin enables the DAC to
receive and transfer 8-bit serial data. After the serial input
data is shifted in, a rising edge of CS transfers the data into
the counter, the DAC assumes the new IOUT value and the
DOUT pin returns to the high impedance state. On power
up, a logic high places the DAC into pulse mode. Pulling CS
low after this places the DAC into SPI mode until VCC
resets.
DIN or UP/DN (Pin 9): This pin is the digital input for the
DAC. In SPI mode, the 8-bit serial data is shifted into the
DIN input on each rising edge of the clock signal. In pulse
mode, on power up, a logic high at DIN transfers the pin
function from DIN to UP/DN, puts the counter into incre-
ment-only mode and the pin function shifts to up or down
increment control of DAC output current. If UP/DN re-
ceives a logic-low signal, the counter configures to incre-
ment/decrement mode until VCC resets.
DOUT (Pin 10): This pin is the digital output for the DAC. In
SPI mode, DOUT is in three-state until CS falls low. The
DOUT pin then serially transfers the previous 8-bit data on
every falling edge of the clock. When CS rises high again,
DOUT returns to a three-state condition. In pulse mode,
DOUT is always three-stated.
IOUT (Pin 11): This pin is the analog current output for the
DAC and provides an output current of 50
±3µA over
temperature. This pin can be biased from – 20V to 2V for
a 3.3V VCC supply voltage or from – 20V to 2.5V for a 5V
VCCsupply voltage. However, this pin is tied to the ICCFL pin
and provides the programming current which sets operat-
ing lamp current. The IOUT pin has very little bias voltage
change when it is tied to the ICCFL pin as ICCFL is regulated.
The programming current is sourced from the IOUT pin and
sunk by the ICCFL pin.
VCC (Pin 12): This is the supply pin for the LT1186F. The
IC accepts an input voltage range of 3V minimum to 6.5V
maximum with little change in quiescent current (zero
switch current). An internal, low-dropout regulator pro-
vides a 2.4V supply for most of the internal circuitry.
Supply current increases as switch current increases at a
rate approximately 1/50 of switch current. This corre-
sponds to a forced Beta of 50 for the power switch. The IC
incorporates undervoltage lockout by sensing regulator
dropout and locking out switching for input voltages
below 2.5V. Hysteresis is not used to maximize the useful
range of input voltage. The typical input voltage is a 3.3V
or 5V logic supply.
ROYER (Pin 13): This pin connects to the center-tapped
primary of the Royer converter and is used with the BAT
pin in a floating-lamp configuration where lamp current is
controlled by sensing Royer primary-side converter cur-
rent. This pin is the inverting terminal of a high-side
current sense amplifier. The typical quiescent current is
50
µA into the pin. If the CCFL regulator is not used in a
floating-lamp configuration, tie the Royer and BAT pins
together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com