Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1186FC Datasheet(PDF) 10 Page - Linear Technology

Part # LT1186FC
Description  DAC Programmable CCFL Switching Regulator(Bits-to-NitsTM)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1186FC Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1186FC Datasheet HTML 6Page - Linear Technology LT1186FC Datasheet HTML 7Page - Linear Technology LT1186FC Datasheet HTML 8Page - Linear Technology LT1186FC Datasheet HTML 9Page - Linear Technology LT1186FC Datasheet HTML 10Page - Linear Technology LT1186FC Datasheet HTML 11Page - Linear Technology LT1186FC Datasheet HTML 12Page - Linear Technology LT1186FC Datasheet HTML 13Page - Linear Technology LT1186FC Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1186F
BLOCK DIAGRAM
LT1186F DAC Programmable CCFL Switching Regulator
COMP
UNDER-
VOLTAGE
LOCKOUT
THERMAL
SHUTDOWN
2.4V
REGULATOR
SHUTDOWN
200kHz
OSC
6
ICCFL
AGND
DIO
BULB
CCFL
VC
CCFL
PGND
50
µA
FULL SCALE
CCFL
VSW
ROYER
BAT
VCC
LOGIC
DRIVE
GAIN = 4.4
Q3
2
×
Q5
1
×
Q4
5
×
Q8
1
×
Q10
2
×
R1
0.125
Ω
R4
0.1
Ω
Q6
2
×
R3
1k
D2
6V
D1
Q11
Q1
13
14
12
Q7
9
×
Q9
3
×
25
3
15
4
16
1
V1
0.465V
–
+
CCFL
–
+
gm
–
+
CURRENT
AMP
ANTI-
SAT
LT1186F • BD
SHUTDOWN
LATCH
AND
LOGIC
LATCH
AND
LOGIC
8-BIT
CURRENT
DAC
CLK
SHDN
CLK
Q9
DO(LSB)
UP/DN
8-BIT COUNTER/REGISTER
IOUT
DOUT
8
8
8
9-BIT SHIFT REGISTER
VOLTAGE
REFERENCE
SHDN
MODE SELECT
0 = PULSE
1 = SPI
POWER-ON
RESET
CONTROL
LOGIC
CLK
DIN
CS
UP ONLY/
UP/DN
7
9
8
11
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com